Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7003AH Datasheet(PDF) 12 Page - STMicroelectronics

Part # VN7003AH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7003AH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN7003AH Datasheet HTML 8Page - STMicroelectronics VN7003AH Datasheet HTML 9Page - STMicroelectronics VN7003AH Datasheet HTML 10Page - STMicroelectronics VN7003AH Datasheet HTML 11Page - STMicroelectronics VN7003AH Datasheet HTML 12Page - STMicroelectronics VN7003AH Datasheet HTML 13Page - STMicroelectronics VN7003AH Datasheet HTML 14Page - STMicroelectronics VN7003AH Datasheet HTML 15Page - STMicroelectronics VN7003AH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Electrical specification
VN7003AH
12/37
DocID029238 Rev 4
7 V < VCC < 18 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K3
IOUT/ISENSE
IOUT = 45 A; VSENSE = 4 V;
VSEn = 5 V
14760
16450
18670
dK3/K3(2)(3)
Current sense ratio drift
IOUT = 45 A; VSENSE = 4 V;
VSEn = 5 V
-5
5
%
ISENSE0
CurrentSense leakage
current
CurrentSense disabled:
VSEn = 0 V;
0
0.5
µA
CurrentSense disabled;
-1 V < VSENSE < 5 V(3)
-0.5
0.5
µA
CurrentSense enabled:
VSEn = 5 V; VIN = 5 V;
IOUT = 0 A;
0
5
µA
VOUT_CSD(3)
Output voltage for
CurrentSense
shutdown
VSEn = 5 V;
RSENSE = 2.7
kΩ; VIN = 5 V;
IOUT = 15 A
5
V
VSENSE_SAT
CurrentSense
saturation voltage
VCC = 7 V; RSENSE = 10
kΩ;
VSEn = 5 V; VIN = 5 V;
IOUT = 15 A; Tj = -40°C
5
V
ISENSE_SAT(3)
CS saturation current
VCC = 7 V; VSENSE = 4 V;
VIN = 5 V; VSEn = 5 V; Tj = -
40°C
4
mA
IOUT_SAT(3)
Output saturation
current
VCC = 7 V; VSENSE = 4 V;
VIN = 5 V; VSEn = 5 V; Tj = -
40°C
75
A
OFF-state diagnostic
VOL
OFF-state open-load
voltage detection
threshold
VIN = 0 V; VSEn = 5 V;
2
3
4
V
IL(off2)
OFF-state output sink
current
VIN = 0 V; VOUT = VOL;
Tj = -40°C to 125°C
-100
-15
µA
tDSTKON
OFF-state diagnostic
delay time from falling
edge of INPUT (see
Figure 7: "tDSTKON")
VIN = 5 V to 0 V;
VSEn = 5 V; IOUT = 0 A;
VOUT = 4 V
100
350
700
µs
tD_OL_V
Settling time for valid
OFF-state open load
diagnostic indication
from rising edge of SEn
VIN = 0 V; VOUT = 4 V;
VSEn = 0 V to 5 V
60
µs
tD_VOL
OFF-state diagnostic
delay time from rising
edge of VOUT
VIN = 0 V; VSEn = 5 V;
VOUT = 0 V to 4 V
5
30
µs
Fault diagnostic feedback (see Table 12: "Truth table")
VSENSEH
CurrentSense output
voltage in fault
condition
VCC = 13 V; VIN = 0 V;
VSEn = 5 V; IOUT = 0 A;
VOUT = 4 V; RSENSE = 1
kΩ
5
6.6
V
ISENSEH
CurrentSense output
current in fault
condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com