Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7003ALH Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN7003ALH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7003ALH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN7003ALH Datasheet HTML 5Page - STMicroelectronics VN7003ALH Datasheet HTML 6Page - STMicroelectronics VN7003ALH Datasheet HTML 7Page - STMicroelectronics VN7003ALH Datasheet HTML 8Page - STMicroelectronics VN7003ALH Datasheet HTML 9Page - STMicroelectronics VN7003ALH Datasheet HTML 10Page - STMicroelectronics VN7003ALH Datasheet HTML 11Page - STMicroelectronics VN7003ALH Datasheet HTML 12Page - STMicroelectronics VN7003ALH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VN7003ALH
Electrical specification
DocID028717 Rev 5
9/37
Table 7: Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4
13
28
V
VUSD
Undervoltage shutdown
3
VUSDReset
Undervoltage shutdown
reset
5
VUSDhyst
Undervoltage shutdown
hysteresis
0.3
RON
On-state resistance
IOUT = 15 A; Tj = 25°C
3.5
mΩ
IOUT = 15 A; Tj = 150°C
7
IOUT = 15 A; VCC = 4 V; Tj = 25°C
5.25
RON_Rev
RDSON in reverse battery
condition
VCC = -13 V; IOUT = -15 A;
Tj = 25°C
3.5
mΩ
Vclamp
Clamp voltage
IS = 20 mA; Tj = -40°C
38
V
IS = 20 mA; 25°C < Tj < 150°C
41
46
52
V
ISTBY
Supply current in
standby at VCC = 13 V
(1)
VCC = 13 V;
VIN = VOUT = VFR_DIAG = 0 V;
Tj = 25°C
0.5
µA
VCC = 13 V;
VIN = VOUT = VFR_DIAG = 0 V;
Tj = 85°C (2)
1.4
VCC = 13 V;
VIN = VOUT = VFR_DIAG = 0 V;
Tj = 125°C
11
tD_STBY
Standby mode blanking
time
VCC = 13 V; VIN = 5 V;
VFR_DIAG = 0 V; IOUT = 0 A
60
300
550
µs
IS(ON)
Supply current
VCC = 13 V; VFR_DIAG = 0 V;
VIN = 5 V; IOUT = 0 A
4
6.5
mA
IGND(ON)
Control stage current
consumption in ON
state. All channels
active.
VCC = 13 V; VFR_DIAG = 5 V;
VIN = 5 V; IOUT = 15 A
9
mA
IL(off)
Off-state output current
at VCC = 13 V
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25°C
0
0.01
0.5
µA
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125°C
0
11
VF
Output - VCC diode
voltage
IOUT = -15 A; Tj = 150°C
0.7
V
Notes:
(1)PowerMOS leakage included.
(2)Parameter specified by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com