Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7004CH Datasheet(PDF) 29 Page - STMicroelectronics

Part # VN7004CH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VN7004CH Datasheet HTML 25Page - STMicroelectronics VN7004CH Datasheet HTML 26Page - STMicroelectronics VN7004CH Datasheet HTML 27Page - STMicroelectronics VN7004CH Datasheet HTML 28Page - STMicroelectronics VN7004CH Datasheet HTML 29Page - STMicroelectronics VN7004CH Datasheet HTML 30Page - STMicroelectronics VN7004CH Datasheet HTML 31Page - STMicroelectronics VN7004CH Datasheet HTML 32Page - STMicroelectronics VN7004CH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
VN7004CH
Package and PCB thermal data
DocID027769 Rev 6
29/36
Equation: Pulse calculation formula
ZTHδ = RTH · + ZTHtp (1 -
δ)
where δ = tP/T
Figure 39: Thermal fitting model for Octapak
The fitting model is a simplified thermal tool and is valid for transient evolutions
where the embedded protections (power limitation or thermal cycling during
thermal shutdown) are not triggered.
Table 15: Thermal parameters
Area/island (cm2)
Footprint
2
8
4L
R1 (°C/W)
0.01
0.01
0.01
0.01
R2 (°C/W)
0.5
0.5
0.5
0.5
R3 (°C/W)
1.6
1.6
1.6
1.6
R4 (°C/W)
10
10
10
2.5
R5 (°C/W)
28
20
12
5
R6 (°C/W)
36
26
18
6
C1 (W.s/°C)
0.001
0.001
0.001
0.001
C2 (W.s/°C)
0.0018
0.0018
0.0018
0.0018
C3 (W.s/°C)
0.11
0.11
0.11
0.11
C4 (W.s/°C)
0.6
0.6
0.6
0.8
C5 (W.s/°C)
0.8
1.4
2.2
3
C6 (W.s/°C)
3
6
9
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com