Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7580MPbF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7580MPbF
Description  DirectFET짰 N-Channel Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7580MPbF Datasheet(HTML) 1 Page - International Rectifier

  IRF7580MPbF Datasheet HTML 1Page - International Rectifier IRF7580MPbF Datasheet HTML 2Page - International Rectifier IRF7580MPbF Datasheet HTML 3Page - International Rectifier IRF7580MPbF Datasheet HTML 4Page - International Rectifier IRF7580MPbF Datasheet HTML 5Page - International Rectifier IRF7580MPbF Datasheet HTML 6Page - International Rectifier IRF7580MPbF Datasheet HTML 7Page - International Rectifier IRF7580MPbF Datasheet HTML 8Page - International Rectifier IRF7580MPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
StrongIRFET™
IRF7580MTRPbF
Application
 Brushed motor drive applications
 BLDC motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC inverters
Benefits
 Improved gate, avalanche and dynamic dv/dt ruggedness
 Fully characterized capacitance and avalanche SOA
 Enhanced body diode dv/dt and di/dt capability
 Lead-free, RoHS compliant
Base part number Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRF7580MPbF
DirectFET ME
Tape and Reel
4800
IRF7580MTRPbF
VDSS
60V
RDS(on) typ.
2.9m

max
3.6m

ID
116A
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
 
DirectFET®
ISOMETRIC
 
ME
DirectFET® N-Channel Power MOSFET 
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
February 13, 2014
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
ID = 70A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100
120
DD
S
G
SS
SS
S


Similar Part No. - IRF7580MPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7580MPBF IRF-IRF7580MPBF Datasheet
515Kb / 12P
Brushed motor drive applications
IRF7580MPBF IRF-IRF7580MPBF_15 Datasheet
515Kb / 12P
Brushed motor drive applications
More results

Similar Description - IRF7580MPbF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
logo
International Rectifier
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
Automotive DirectFET짰Power MOSFET 
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
Automotive DirectFET짰 Power MOSFET
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
Automotive DirectFET짰 Power MOSFET
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
DirectFET짰Power MOSFET
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
DirectFET짰 MOSFET with Schottky Diode
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
DirectFET짰 MOSFET with Schottky Diode
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
DirectFET짰 N-Channel Power MOSFET
2016-8-9
IRF7480MPBF INFINEON-IRF7480MPBF Datasheet
503Kb / 12P
DirectFET짰 N-Channel Power MOSFET
2016-5-4
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com