Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2940 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A Low Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2940 Datasheet HTML 1Page - National Semiconductor (TI) LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2940/LM2940C
1A Low Dropout Regulator
General Description
The LM2940/LM2940C positive voltage regulator features
the ability to source 1A of output current with a dropout
voltage of typically 0.5V and a maximum of 1V over the
entire temperature range. Furthermore, a quiescent current
reduction circuit has been included which reduces the
ground current when the differential between the input volt-
age and the output voltage exceeds approximately 3V. The
quiescent current with 1A of output current and an input-
output differential of 5V is therefore only 30 mA. Higher
quiescent currents only exist when the regulator is in the
dropout mode (V
IN −VOUT
≤ 3V).
Designed also for vehicular applications, the LM2940/
LM2940C and all regulated circuitry are protected from re-
verse battery installations or 2-battery jumps. During line
transients, such as load dump when the input voltage can
momentarily exceed the specified maximum operating volt-
age, the regulator will automatically shut down to protect
both the internal circuits and the load. The LM2940/
LM2940C cannot be harmed by temporary mirror-image in-
sertion. Familiar regulator features such as short circuit and
thermal overload protection are also provided.
Features
n
Dropout voltage typically 0.5V @I
O =1A
n
Output current in excess of 1A
n
Output voltage trimmed before assembly
n
Reverse battery protection
n
Internal short circuit current limit
n
Mirror image insertion protection
n
P
+ Product Enhancement tested
Typical Application
00882203
*Required if regulator is located far from power supply filter.
**COUT must be at least 22 µF to maintain stability. May be increased without bound to maintain regulation during transients. Locate as close as possible
to the regulator. This capacitor must be rated over the same operating temperature range as the regulator and the ESR is critical; see curve.
Ordering Information
Temperature
Range
Output Voltage
Package
5.0
8.0
9.0
10
12
15
0˚C
≤ TJ ≤ 125˚C LM2940CT-5.0
LM2940CT-9.0
LM2940CT-12
LM2940CT-15
TO-220
LM2940CS-5.0
LM2940CS-9.0
LM2940CS-12
LM2940CS-15
TO-263
−40˚C
≤ TJ ≤
125˚C
LM2940LD-5.0
LM2940LD-8.0
LM2940LD-9.0
LM2940LD-10
LM2940LD-12
LM2940LD-15
LLP 1k
Units
Tape and
Reel
LM2940LDX-5.0
LM2940LDX-8.0
LM2940LDX-9.0
LM2940LDX-10
LM2940LDX-12
LM2940LDX-15
LLP 4.5k
Units
Tape and
Reel
−40˚C
≤ TJ ≤
125˚C
LM2940T-5.0
LM2940T-8.0
LM2940T-9.0
LM2940T-10
LM2940T-12
TO-220
LM2940S-5.0
LM2940S-8.0
LM2940S-9.0
LM2940S-10
LM2940S-12
TO-263
−40˚C
≤ TJ ≤
85˚C
LM2940IMP-5.0
LM2940IMP-8.0
LM2940IMP-9.0
LM2940IMP-10
LM2940IMP-12
LM2940IMP-15
SOT-223
LM2940IMPX-5.0 LM2940IMPX-8.0 LM2940IMPX-9.0 LM2940IMPX-10 LM2940IMPX-12 LM2940IMPX-15
SOT-223
in Tape
and Reel
SOT-223
Package Marking
L53B
L54B
L0EB
L55B
L56B
L70B
The physical size of the SOT-223 is too small to contain the full device part number. The package markings indicated are what will appear on the actual device.
January 2003
© 2003 National Semiconductor Corporation
DS008822
www.national.com


Similar Part No. - LM2940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2940 ETC-LM2940 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
357Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM2940 UTC-LM2940 Datasheet
373Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM2940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com