Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM-005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM-005
Description  GEArray Q series Mouse Chemokines and Receptors Gene Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM-005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GEArray Q series Mouse Chemokines and Receptors Gene Array
*When ordering, please specify Rad or Non-rad, kit size and price.
Tel: 1.888.503.3187, 301.682.9200. Fax: 1.888.465.9859, 301.682.7300. Web:
www.superarray.com
Cat. No. (Rad / Non-Rad)*
Kit Size
MM-005-
02 / MM-005N-02
2 Arrays
MM-005-
04 / MM-005N-04
4 Arrays
MM-005-12 / MM-005N-12
12 Arrays
Description
Each GEArray Q series Mouse Chemokines and Receptors Gene Array contains 67 chemokine and chemokine receptor
genes. The regulation of chemokine and chemokine receptor expression plays fundamental roles in the development,
homeostasis, and function of immune system. It is also evident they function in other cell types, such as endothelial cells
and cells of the nervous system. Through a simple side-by-side hybridization, you can determine the expression profile of
these chemokine and their receptor genes by using your experimental RNA samples and the array and reagents provided
in the kit.
Functional Gene Grouping
Small Inducible Cytokines:
Subfamily A (Cys-Cys): Scya1 (TCA3), Scya2 (JE), Scya3 (MIP-1
α), Scya4 (MIP-1β), Scya5 (RANTES), Scya6 (C10),
Scya7 (MARC), Scya8 (MCP-2), Scya9 (MRP-2/ MIP-1r), Scya11 (eotaxin), Scya12 (mcp-5), Scya17 (TARC / ABCD-2),
Scya19 (MIP-3
β/ ELC), Scya20 (MIP-3α/ LARC), Scya21a (6Ckine/ SLC/ exodus-2), Scya22 (MDC / ABCD-1) Scya24
(CCL24 / MPIF-2 / eotaxin-2), Scya25 (TECK), Scya27 (ALP / mILC), Scya28 (MEC/CCL28)
Subfamily B (Cys-X-Cys): Cxcl16 (SR-PSOX), Gro1, Scyb2 (MIP2), Scyb5 (LIX/GCP-2/ENA78), Scyb9 (Mig), Scyb10 (IP-
10), Scyb11, Scyb13 (BLC / angie2), Scyb14 (Kec/Bmac /MIP-2g), Scyb15
Other Subfamily Members: Scyc1 (Lptn / lymphotactin), Scyd1 (fractalkine / neurotactin)
Chemokine Receptors: Blr1, Ccxcr1 (mXCR1), Cmkar3 (CXCR3), Cmkar4 (CXCR4), Cmkbr1 (CCR-1), Cmkbr1l1,
Cmkbr1l2, Cmkbr2, Cmkbr3, Cmkbr4, Cmkbr5, Cmkbr6 (CCR6), Cmkbr7 (EBI1), Cmkbr8 (CCR8), Cmkbr9 (GPR2),
Cmkbr10, Cmkor1, Cx3cr1, Cxcr6, D6-pending, IL8rb (Cmkar2), Ltb4r2, Pumag, Tapbp
Other Related Genes: Dfy, Emap2, Epo, Ifna11, Ifnab, Pf4, Ppbp, Human PRL homolog, Sdf1, Sdf2, Tcp10
References
1.
2.
3.
4.
5.
Sallusto F, Mackay CR, Lanzavecchia A (2000) The Role Of Chemokine Receptors In Primary, Effector, And Memeory Immune Responses.
Annu. Rev. Immunol 18: 593-620.
Rossi D, Zlotnik A (2000) The Biology of Chemokines And Their Receptors. Annu. Rev. Immunol 18: 217-242.
Zlotnik A, Yoshie O (2000) Chemokines: A New Classification System And Their Role In Immunity. Immunity 12: 121-127.
Krishna Vaddi, Margaret Keller, Robert C. Newton, editors. (1997) The Chemokine Facts Book Academic Press.
James J Campbell and Eugene C Butcher (2000) Chemokines In Tissue-Specific And Microenvironment-Specific Lymphocyte Homing. Current
Opinion in Immunology 12:336-341.


Similar Part No. - MM-005

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MM-0637A-100 JMK-MM-0637A-100 Datasheet
62Kb / 1P
Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
MM-0637A-35 JMK-MM-0637A-35 Datasheet
209Kb / 1P
The 637A series filter is a very compact DC filter intended for use with telecommunication hardware
MM-0637A-40B JMK-MM-0637A-40B Datasheet
52Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 40,50,60 Amperes
MM-0637A-40C JMK-MM-0637A-40C Datasheet
52Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 40,50,60 Amperes
MM-0637A-40D JMK-MM-0637A-40D Datasheet
54Kb / 1P
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
More results

Similar Description - MM-005

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2040 BOARDCOM-BCM2040 Datasheet
133Kb / 2P
SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
BCM2042 BOARDCOM-BCM2042 Datasheet
151Kb / 2P
SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
logo
AAEON Technology
TKS-G21-CV05 AAEON-TKS-G21-CV05 Datasheet
350Kb / 2P
Fanless Embedded Box for GENE-CV05
TKS-G20-LN05 AAEON-TKS-G20-LN05 Datasheet
292Kb / 2P
Fanless Embedded Box for GENE-LN05
TKS-G50-9310 AAEON-TKS-G50-9310 Datasheet
269Kb / 2P
Embedded Box for GENE-9310
PCM-3532 AAEON-PCM-3532 Datasheet
117Kb / 1P
Daughter Board for Gene Series
logo
Glenair, Inc.
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
logo
Bud Industries, Inc.
60-2361 BUD-60-2361 Datasheet
61Kb / 1P
KEYBOARD AND MOUSE SHELF ASSEMBLY
logo
Bourns Electronic Solut...
CDSOT23-TXXC-Q BOURNS-CDSOT23-TXXC-Q Datasheet
172Kb / 5P
CDSOT23-T03-Q~T15C-Q - TVS Diode Array Series
REV. 02/22
CDSOT23-TXXLC-Q BOURNS-CDSOT23-TXXLC-Q Datasheet
174Kb / 5P
CDSOT23-TxxLC-Q - Low Capacitance TVS Diode Array Series
REV. 02/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com