Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEA100F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LEA100F
Description  Basic Characteristics Data
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA100F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LEA100F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5 Ground
nKeep isolation distance between screw and internal components
in case of option ”-S”, ”-SN”, as below chart.
LEA-15
lLEA150F
lLEA150F- -SN (Requirement: Min. AC90V)
Ambient temperature [ ]
20
0
-10
0
10203040506070
40
60
80
100
Convection
(D), (E), (F) mounting
(B), (C) mounting
(A) mounting
Forced air (0.5m /min)
3
Ambient temperature [ ]
20
0
-10
0
102030405060
40
60
80
100
Convection
(E) mounting
(B), (C), (D) mounting
(A) mounting
Forced air (0.5m /min)
3
nWhen unit mounted except below drawings, it is required to con-
sider ventilated environment by forced air cooling for temperature
/load derating. For details, please consult our sales or engineer-
ing departments.
Mounting method
n
n
n
(F) mounting is not possible when unit is with case cover, but if
need to operate unit by (F) positioning with case cover, tempera-
ture/load derating is necessary. For more details, please consult
our sales or engineering departments.
The mounting screw should be M3. The hatched area shows the
allowance of metal parts for mounting.
Please be carefull with that metal parts do not touch mounted
parts at front side, where major components are mounted, when
a power supply is installed with them.
4.3 Mounting screw
nWhen installing the power supply with your unit, ensure that the in-
put FG terminal or mounting hole FG is connected to safety
ground of the unit. However when applying the safety agency,
connect the input FG terminal to safety ground of the unit.
6 Others
n
n
n
This power supply is the rugged P.C.B. type. Do not drop conduc-
tive object in the power supply.
At light load, there remains high voltage inside the power supply
for a few minutes after power OFF. So, at maintenance, take care
about electric shock.
This power supply is manufactured by SMD technology. The
stress to P.C.B like twisting or bending causes the defect of the
unit, so handle the unit with care.
CN1
CN1
CN1
CN1
CN1
CN1
Normal position
(A)
(B)
(C)
(D)
(E)
(F)
CN1
9
9
9
9
9
9
CN1
Mounting
hole
FG
LEA
Instruction Manual
AC-DC Power Supplies Open Frame/Enclosed type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com