Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2825HCBI Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 2825HCBI
Description  Color temperature: up to 4,000 K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

2825HCBI Datasheet(HTML) 4 Page - OSRAM GmbH

  2825HCBI Datasheet HTML 1Page - OSRAM GmbH 2825HCBI Datasheet HTML 2Page - OSRAM GmbH 2825HCBI Datasheet HTML 3Page - OSRAM GmbH 2825HCBI Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4008321650849
2825HCBI
Unpacked
1
25 mm x 10 mm x
10 mm
0.00 dm³
1.00 g
4008321650856
2825HCBI
Folding carton box
10
27 mm x 46 mm x
113 mm
0.14 dm³
22.00 g
4008321650863
2825HCBI
Shipping carton box
50
148 mm x 55 mm x
115 mm
0.94 dm³
160.00 g
4008321650870
2825HCBI
Blister
2
95 mm x 3 mm x 17
mm
0.00 dm³
14.00 g
4008321650887
2825HCBI
Shipping carton box
20
146 mm x 143 mm x
103 mm
2.15 dm³
192.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 08:25:25
© 2016, OSRAM GmbH. All rights reserved.
2825HCBI
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com