Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4SD32M16 Datasheet(PDF) 17 Page - Micross Components

Part # AS4SD32M16
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16 Datasheet(HTML) 17 Page - Micross Components

Back Button AS4SD32M16 Datasheet HTML 13Page - Micross Components AS4SD32M16 Datasheet HTML 14Page - Micross Components AS4SD32M16 Datasheet HTML 15Page - Micross Components AS4SD32M16 Datasheet HTML 16Page - Micross Components AS4SD32M16 Datasheet HTML 17Page - Micross Components AS4SD32M16 Datasheet HTML 18Page - Micross Components AS4SD32M16 Datasheet HTML 19Page - Micross Components AS4SD32M16 Datasheet HTML 20Page - Micross Components AS4SD32M16 Datasheet HTML 21Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
17
Data for any WRITE burst may be truncated with a sub-
sequent READ command, and data for a fixed-length WRITE
burst may be immediately followed by a READ command.
Once the READ command is registered, the data inputs will
be
ignored, and WRITEs will not be executed. An example
is shown in Figure 17. Data n+1 is either the last of a burst of
two or the last desired of a longer burst.
Data for a fixed-length WRITE burst may be followed by,
or truncated with, a PRECHARGE command to the same bank
(provided that auto precharge was not activated), and a full-page
WRITE burst may be truncated with a PRECHARGE command
to the same bank. The PRECHARGE command should be
issued t
WR after the clock edge at which the last desired input
data element is registered. The auto precharge mode requires
a t
WR of at least one clock plus time, regardless of frequency.
In addition, when truncating a WRITE burst, the DQM signal
must be used to mask input data for the clock edge prior to, and
the clock edge coincident with, the PRECHARGE command.
An example is shown in Figure 18. Data n+1 is either the last
of a burst of two or the last desired of a longer burst. Following
the PRECHARGE command, a subsequent command to the
same bank cannot be issued until tRP is met. The precharge
can be issued coincident with the first coincident clock edge
(T2 in Figure 18) on an A1 Version and with the second clock
on an A2 Version (Figure 18).
In the case of a fixed-length burst being executed to com-
pletion, a PRECHARGE command issued at the optimum time
(as described above) provides the same operation that would
result from the same fixed-length burst with auto precharge.
The disadvantage of the PRECHARGE command is that is
requires that the command and address buses be
available
at the appropriate time to issue the command; the advantage of
the PRECHARGE command is that it can be used to truncate
fixed-length or full-page bursts.
FIGURE 16: Random WRITE Cycles
FIGURE 17: WRITE to READ
FIGURE 18: WRITE to PRECHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com