| Electronic Components Datasheet Search |
|
USB2601 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2601 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 30 page ![]() USB2601/USB2602 DS00002119A-page 14 2004 - 2016 Microchip Technology Inc. MS System Data In/Out MS_D[3:2] I/O8PD This pin is a bi-directional data signal for the MS device. The bi-directional data signal has an internal weak pull- down resistor. MS Card Insertion MS_INS IPU This pin is the card detection signal from the MS device to indicate, if the device is inserted. This pin has an internally controlled weak pull-up resistor. MS System CLK MS_SCLK O8 This pin is an output clock signal to the MS device. The clock frequency is software configurable. SD INTERFACE SD Data [3:0] SD_DAT[3:0] I/O8PU These are bi-directional data signals. These pins have internally controlled weak pull-up resistors. SD Clock SD_CLK O8 This is an output clock signal to SD/MMC device. The clock frequency is software configurable. SD Command SD_CMD I/O8PU This is a bi-directional signal that connects to the CMD signal of SD/MMC device. This pin has an internally controlled weak pull-up resistor. SD Write Protected SD_nWP IPD This pin is an input signal with an internal weak pull- down. This pin has an internally controlled weak pull-down resistor. MISC General Purpose I/O GPIO1 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. General Purpose I/O GPIO2 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. General Purpose I/O GPIO4 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. General Purpose I/O GPIO5 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. GPIO6 GPIO6 IPU This pin has an internal weak pull-up resistor that is enabled or disabled by the state of RESET_N. The pull-up is enabled when RESET_N is active. The pull-up is disabled, when the RESET_N is inactive (some clock cycles later, after the rising edge of RESET_N). The state of this pin is latched internally on the rising edge of RESET_N to determine if internal or external program memory is used. The state latched is stored in ROMEN bit of GPIO_IN1 register. I/O8 After the rising edge of RESET_N, this pin may be used as GPIO6. When this pin is left unconnected or pulled high by a weak pull-up resistor, the USB2601/USB2602 uses the internal ROM for program execution. This pin may be used either as input, edge sensitive interrupt input, or output. General Purpose I/O GPIO7 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |