Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2503 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 4 Page - Microchip Technology

  USB2503 Datasheet HTML 1Page - Microchip Technology USB2503 Datasheet HTML 2Page - Microchip Technology USB2503 Datasheet HTML 3Page - Microchip Technology USB2503 Datasheet HTML 4Page - Microchip Technology USB2503 Datasheet HTML 5Page - Microchip Technology USB2503 Datasheet HTML 6Page - Microchip Technology USB2503 Datasheet HTML 7Page - Microchip Technology USB2503 Datasheet HTML 8Page - Microchip Technology USB2503 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 4
 2007 - 2016 Microchip Technology Inc.
1.0
INTRODUCTION
The Microchip 3-Port Hub is fully compliant with the USB 2.0 Specification and will attach to a USB host as a Full-Speed
Hub or as a Full-/High-Speed Hub. The 3-Port Hub supports Low-Speed, Full-Speed, and High-Speed (if operating as
a High-Speed Hub) downstream devices on all of the enabled downstream ports.
A dedicated Transaction Translator (TT) is available for each downstream facing port. This architecture ensures maxi-
mum USB throughput for each connected device when operating with mixed-speed peripherals.
The Hub works with an external USB power distribution switch device to control VBUS switching to downstream ports,
and to limit current and sense over-current conditions.
All required resistors on the USB ports are integrated into the Hub. This includes all series termination resistors on D+
and D– pins and all required pull-down and pull-up resistors on D+ and D– pins. The over-current sense inputs for the
downstream facing ports have internal pull-up resistors.
Throughout this document the upstream facing port of the hub will be referred to as the upstream port, and the down-
stream facing ports will be called the downstream ports.
1.1
OEM Selectable Features
A default configuration is available in the USB2503/USB2503A following a reset. This configuration may be sufficient
for some applications. Strapping option pins make it possible to modify a limited sub-set of the configuration options.
The USB2503/USB2503A may also be configured by an external EEPROM or a microcontroller. When using the micro-
controller interface, the Hub appears as an SMBus slave device. If the Hub is pin-strapped for external EEPROM con-
figuration but no external EEPROM is present, then a value of ‘0’ will be written to all configuration data bit fields (the
hub will attach to the host with all ‘0’ values).
The 3-Port Hub supports several OEM selectable features:
• Operation as a Self-Powered USB Hub or as a Bus-Powered USB Hub.
• Operation as a Dynamic-Powered Hub (Hub operates as a Bus-Powered device if a local power source is not
available and switches to Self-Powered operation when a local power source is available).
• Multiple Transaction Translator (Multi-TT) or Single-TT support.
• Optional OEM configuration via I2C EEPROM or via the industry standard SMBus interface from an external
SMBus Host.
• Port power switching on an individual or ganged basis.
• Port over-current monitoring on an individual or ganged basis.
• Compound device support (port is permanently hardwired to a downstream USB peripheral device).
• Hardware strapping options enable configuration of the following features.
- Non-Removable Ports
- Port Power Polarity (active high or active low logic)
- Port Disable
- Ganged Vs Port power switching and over-current sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com