Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2936 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2936
Description  Ultra-Low Quiescent Current 3.0V Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2936 Datasheet HTML 1Page - National Semiconductor (TI) LM2936 Datasheet HTML 2Page - National Semiconductor (TI) LM2936 Datasheet HTML 3Page - National Semiconductor (TI) LM2936 Datasheet HTML 4Page - National Semiconductor (TI) LM2936 Datasheet HTML 5Page - National Semiconductor (TI) LM2936 Datasheet HTML 6Page - National Semiconductor (TI) LM2936 Datasheet HTML 7Page - National Semiconductor (TI) LM2936 Datasheet HTML 8Page - National Semiconductor (TI) LM2936 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2936-3.0
Ultra-Low Quiescent Current 3.0V Regulator
General Description
The LM2936-3.0 ultra-low quiescent current regulator fea-
tures low dropout voltage and low current in the standby
mode. With less than 20 µA quiescent current at a 100 µA
load, the LM2936-3.0 is ideally suited for automotive and
other battery operated systems. The LM2936-3.0 retains all
of the features that are common to low dropout regulators
including a low dropout PNP pass device, short circuit pro-
tection, reverse battery protection, and thermal shutdown.
The LM2936-3.0 has a 40V maximum operating voltage
limit, a −40˚C to +125˚C operating temperature range, and
±3% output voltage tolerance over the entire output current,
input voltage, and temperature range. The LM2936-3.0 is
available in a TO-92 package, a SO-8 surface mount pack-
age, as well as SOT-223 and TO-252 surface mount power
packages.
Features
n
Ultra low quiescent current (I
Q
≤ 20 µA for I
O = 100 µA)
n
Fixed 3.0V, 50 mA output
n ±
2% Initial output tolerance
n ±
3% Output tolerance over line, load, and temperature
n
Dropout voltage typically 200 mV @ I
O =50 mA
n
Reverse battery protection
n
−50V reverse transient protection
n
Internal short circuit current limit
n
Internal thermal shutdown protection
n
40V operating voltage limit
n
60V operating voltage limit for LM2936HV
n
Shutdown pin available with LM2936BM package
Typical Application
20001601
* Required if regulator is located more than 2" from power supply filter capacitor.
** Required for stability. Must be rated for 22 µF minimum over intended operating temperature range. Effective series resistance (ESR) is critical, see
curve. Locate capacitor as close as possible to the regulator output and ground pins. Capacitance may be increased without bound.
Connection Diagrams
TO-252
SOT-223
20001625
Top View
Order Number LM2936DT-3.0
See NS Package Number TD03B
20001626
Top View
Order Number LM2936MP-3.0
See NS Package Number MA04A
June 2002
© 2002 National Semiconductor Corporation
DS200016
www.national.com


Similar Part No. - LM2936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936 Datasheet
1Mb / 28P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936 TI-LM2936 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936 TI2-LM2936 Datasheet
1Mb / 43P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
REVISED DECEMBER 2014
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
More results

Similar Description - LM2936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-33 NSC-LM2936-33 Datasheet
295Kb / 10P
Ultra-Low Quiescent Current 3.3V Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
Ultra-Low Quiescent Current 5V Regulator
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
Ultra-Low Quiescent Current 5V Regulator
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com