Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LN01 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LN01
Description  2.4-2.5 GHz WLAN Low-Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LN01 Datasheet(HTML) 2 Page - Microchip Technology

  SST12LN01 Datasheet HTML 1Page - Microchip Technology SST12LN01 Datasheet HTML 2Page - Microchip Technology SST12LN01 Datasheet HTML 3Page - Microchip Technology SST12LN01 Datasheet HTML 4Page - Microchip Technology SST12LN01 Datasheet HTML 5Page - Microchip Technology SST12LN01 Datasheet HTML 6Page - Microchip Technology SST12LN01 Datasheet HTML 7Page - Microchip Technology SST12LN01 Datasheet HTML 8Page - Microchip Technology SST12LN01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SST12LN01
DS70005150A-page 2
 2015 Microchip Technology Inc.
2.0
FUNCTIONAL BLOCKS
FIGURE 2-1:
FUNCTIONAL BLOCK DIAGRAM
3.0
PIN ASSIGNMENTS
FIGURE 3-1:
PIN ASSIGNMENTS FOR 16-CONTACT UQFN
4.0
PIN DESCRIPTIONS
RFOUT
NC
VDD
NC
RFIN
NC
6
5
4
1
2
3
1329 6-uqfn P1.0
RF and DC GND
0
Top View
(contacts facing down)
TABLE 4-1:
PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
NC
1
No Connection
Unconnected pin
RFIN
2I
2.4G RF input
NC
3
No Connection
Unconnected pin
NC
4
No Connection
Unconnected pin
RFOUT
5O
2.4G RF output
VDD
6
Power Supply
PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com