Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9982 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9982
Description  Three-Channel, Closed-Loop, Switch Mode LED Drive IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9982 Datasheet(HTML) 5 Page - Microchip Technology

  HV9982 Datasheet HTML 1Page - Microchip Technology HV9982 Datasheet HTML 2Page - Microchip Technology HV9982 Datasheet HTML 3Page - Microchip Technology HV9982 Datasheet HTML 4Page - Microchip Technology HV9982 Datasheet HTML 5Page - Microchip Technology HV9982 Datasheet HTML 6Page - Microchip Technology HV9982 Datasheet HTML 7Page - Microchip Technology HV9982 Datasheet HTML 8Page - Microchip Technology HV9982 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2014 Microchip Technology Inc.
DS20005295B-page 5
HV9982
Over-voltage Protection (OVP1, OVP2 and OVP3)
VOVP,rising Over voltage rising trip point
1
4.5
5.0
5.5
V
OVP rising
VOVP,HYST Over voltage hysteresis
-
-
0.5
-
V
OVP falling
Current Sense (CS1, CS2 and CS3)
TBLANK
Leading edge blanking
1
100
-
250
ns
---
TDELAY
Delay to output of gate
1
-
-
200
ns
100mV overdrive to the current
sense
RDIS
Discharge resistance for
slope compensation
1-
-
650
Ω
Gate = Low
Internal Transconductance Opamp (Gm1, Gm2 and Gm3)
GB
Gain bandwidth product
2
-
1.0
-
MHz
75pF capacitance at COMP pin
AV
Open loop DC gain
-
65
-
-
dB
Output open
VCM
Input common-mode range
2
-0.3
-
3.0
V
---
VO
Output voltage range
2
0.7
-
VDD
V
---
Gm
Transconductance
-
500
600
700
μA/V ---
VOFFSET
Input offset voltage
-
-5.0
-
5.0
mV
---
IBIAS
Input bias current
2
-
0.5
1.0
nA
---
Oscillator (CLOCK)
fOSC1
Oscillator frequency
-
-
500
-
kHz
FCLOCK = 6.0MHz
KSW
Oscillator divider ratio
2
-
12
-
-
---
Phi1
GATE1 - GATE2 phase
delay
2-
120
-
°
---
Phi1
GATE1 - GATE3 phase
delay
2-
240
-
°
---
TOFF
CLOCK low time
2
50
-
-
ns
---
TON
CLOCK high time
2
50
-
-
ns
---
VCLOCK,HI CLOCK input high
1
2.0
-
-
V
---
VCLOCK,LO CLOCK input low
1
-
-
0.8
V
---
Disconnect Driver (FLT1, FLT2 and FLT3)
TRISE,FAULT Fault output rise time
-
-
-
450
ns
330pF capacitor at FAULT pin
TFALL,FAULT Fault output fall time
-
-
-
200
ns
330pF capacitor at FAULT pin
Short Circuit Protection (all three channels)
TBLANK,SC Blanking time
1
400
-
700
ns
---
GSC
Gain for short circuit com-
parator
-
1.85
2.00
2.15
-
---
Vomin
Minimum current limit
threshold
2
0.15
-
0.25
V
REF = GND
TOFF
Propagation time for short
circuit detection
-
-
-
250
ns
FDBK = 2 • REF + 0.1V
HICCUP timer
IHC,SOURCE CurrentsourceatSKIPpinused
for hiccup mode protection
--
10
-
μA
---
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED) (SHEET 2 OF 3)1
Symbol
Parameter
Note
Min
Typ
Max
Units Conditions
Note 1:
Applies over the full operating ambient temperature range of 0°C < TA < +85°C.
2:
For design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com