Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-134 Datasheet(PDF) 49 Page - STMicroelectronics

Part # BLUENRG-134
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-134 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button BLUENRG-134 Datasheet HTML 45Page - STMicroelectronics BLUENRG-134 Datasheet HTML 46Page - STMicroelectronics BLUENRG-134 Datasheet HTML 47Page - STMicroelectronics BLUENRG-134 Datasheet HTML 48Page - STMicroelectronics BLUENRG-134 Datasheet HTML 49Page - STMicroelectronics BLUENRG-134 Datasheet HTML 50Page - STMicroelectronics BLUENRG-134 Datasheet HTML 51Page - STMicroelectronics BLUENRG-134 Datasheet HTML 52Page - STMicroelectronics BLUENRG-134 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
49/173
Table 42: DMA_CHx - CNDTR register description: address offset
DMA_CHX_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
15:0
NDT
0x0
RW
Number of data to be transferred (0 up to 65535). This register
can only be written when the channel is disabled. Once the
channel is enabled, this register is read-only, indicating the
remaining bytes to be transmitted. This register decrements
after each DMA transfer. Once the transfer is completed, this
register can either stay at zero or be reloaded automatically by
the value previously programmed if the channel is configured
in auto-reload mode. If this register is zero, no transaction can
be served whether the channel is enabled or not.
31:16
RESERVED
0x0
R
RESERVED
Table 43: DMA_CHx - CPAR register description: address offset
DMA_CHX_BASE_ADDR+0x08
Bit
Field
name
Reset
RW
Description
31:0
PA
0x0
RW
Base address of the peripheral data register from/to which the data
will be read/written. When PSIZE is 01 (16-bit), the PA[0] bit is
ignored. Access is automatically aligned to a halfword address.
When PSIZE is 10 (32-bit), PA[1:0] are ignored. Access is
automatically aligned to a word address.
Table 44: DMA_CHx - CMAR register description: address offset
DMA_CHX_BASE_ADDR+0x0C
Bit
Field
name
Reset
RW
Description
31:0
MA
0x0
RW
Base address of the memory area from/to which the data will be
read/written. When MSIZE is 01 (16-bit), the MA[0] bit is ignored.
Access is automatically aligned to a halfword address. When MSIZE
is 10 (32-bit), MA[1:0] are ignored. Access is automatically aligned to
a word address.
3.8
SPI
3.8.1
Introduction
The BlueNRG-1 integrates a serial peripheral interface compatible with Motorola standard.
Main features are:
Maximal supported baud rate is 1 MHz in slave mode and 8 MHz in master mode.
Parallel-to-serial conversion on data written to an internal 32-bit wide, 16-location
deep transmitter FIFO.
Serial-to-parallel conversion on received data, buffering in a 32-bit wide 16-location
deep receive FIFO.
Programmable data frame size from 4-bit to 32-bit.
Programmable clock bit rate and prescaler.
Programmable clock phase and polarity in SPI mode.
Support for Direct Memory Access (DMA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com