Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA25P35-1U1M Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA25P35-1U1M
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25P35-1U1M Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA25P35-1U1M Datasheet HTML 1Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 2Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 3Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 4Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 5Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 6Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 7Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 8Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDA25P35-1U1M
Characteristics
DocID029556 Rev 1
3/10
1.2
Characteristics (curves)
Figure 3: Peak power dissipation versus initial
temperature (typical value)
Figure 4: Peak pulse power versus exponential
pulse duration (Tj initial = 25°C) (typical value)
Figure 5: Clamping voltage versus peak pulse
current (max. value)
Figure 6: Leakage current versus junction
temperature (typical value)
Figure 7: ESD response to IEC 61000-4-2 (+8kV
contact discharge)
Figure 8: ESD response to IEC 61000-4-2 (-8kV
contact discharge)
500
750
1000
1250
1500
25
50
75
100
125
150
175
PPP (W)
Tj(°C)
8/20µs
typical value
10
100
1000
10
100
1000
PPP (W)
tp(µs)
Tj initial = 25 °C
typical value
0.10
1.00
10.00
100.00
20.00
25.00
30.00
35.00
40.00
45.00
IPP (A)
VCL(V)
8/20 µs
Tj initial = 25 °C
0
5
10
15
20
25
30
35
25
50
75
100
125
150
IR(nA)
VR = VRM = 22 V
reverse
typical value
Tj(°C)
10 V/div
20 ns/div
ESD level
V
pp
V
C L@ 3 0 n s
V
CL@ 6 0 n s
V
C L@ 1 0 0 n s
+8kV
45V
26V
27V
27V
5 V/div
20 ns/div
ESD level
V
pp
V
CL@ 30n s
V
CL@ 60 n s
V
CL@ 100 n s
-8kV
-16.2V
-1.8V
-1.2V
-0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com