Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS205B0 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLS205B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLS205B0 Datasheet HTML 23Page - Infineon Technologies AG TLS205B0 Datasheet HTML 24Page - Infineon Technologies AG TLS205B0 Datasheet HTML 25Page - Infineon Technologies AG TLS205B0 Datasheet HTML 26Page - Infineon Technologies AG TLS205B0 Datasheet HTML 27Page - Infineon Technologies AG TLS205B0 Datasheet HTML 28Page - Infineon Technologies AG TLS205B0 Datasheet HTML 29Page - Infineon Technologies AG TLS205B0 Datasheet HTML 30Page - Infineon Technologies AG TLS205B0 Datasheet HTML 31Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TLS205B0
Application Information
Data Sheet
27
Rev. 1.2, 2015-01-15
6.5
Protection Features
The TLS205B0 regulators incorporate several protection features which make them ideal for use in battery-
powered circuits. In addition to normal protection features associated with monolithic regulators like current limiting
and thermal limiting the device is protected against reverse input voltage, reverse output voltage and reverse
voltages from output to input.
Current limit protection and thermal overload protection are intended to protect the device against current overload
conditions at the output of the device. For normal operation the junction temperature must not exceed 125 °C.
The input of the device will withstand reverse voltages of 20 V. Current flowing into the device will be limited to
less than 1 mA (typically less than 100 µA) and no negative voltage will appear at the output. The device will
protect both itself and the load. This provides protection against batteries being plugged backwards.
The output of the TLS205B0 can be pulled below ground without damaging the device. If the input is left open-
circuit or grounded, the output can be pulled below ground by 20 V. Under such conditions the output of the device
by itself behaves like an open circuit with practically no current flowing out of the pin 1). In more application relevant
cases however where the output is either connected to the SENSE pin (fix voltage variant) or tied either via an
external voltage divider or directly to the ADJ pin (adjustable variant) a small current will be present from this origin.
In the case of the fixed voltage version this current will typically be below 100 µA while for the adjustable version
it depends on the magnitude of the top resistor of the external voltage divider 2). If the input is powered by a voltage
source the output will source the short circuit current of the device and will protect itself by thermal limiting. In this
case grounding the EN pin will turn off the device and stop the output from sourcing the short-circuit current.
The ADJ pin of the adjustable device can be pulled above or below ground by as much as 7 V without damaging
the device. If the input is grounded or left open-circuit, the ADJ pin will act inside this voltage range like a large
resistor (typically 100 kΩ) when being pulled above ground and like a resistor (typically 5 kΩ) in series with a diode
when being pulled below ground. In situations where the ADJ pin is at risk of being pulled outside its absolute
maximum ratings ±7 V the ADJ pin current must be limited to 1 mA (e.g. in cases where the ADJ pin is connected
to a resistor divider that would pull the ADJ pin above its 7 V clamp voltage). Let’s consider for example the case
where a resistor divider is used to provide a 1.5 V output from the 1.22 V reference and the output is forced to
20 V. The top resistor of the resistor divider must then be chosen to limit the current into the ADJ pin to 1 mA or
less when the ADJ pin is at 7 V. The 13 V difference between output and ADJ pin divided by the 1 mA maximum
current into the ADJ pin requires a minimum resistor value of 13 kΩ.
In circuits where a backup battery is required, several different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to ground, pulled to some intermediate voltage or is left
open-circuit. Current flow back into the output will follow the curve as shown in Figure 9 below.
1) typically < 1 µA for the mentioned conditions,
V
Q being pulled below ground with other pins either grounded or open.
2) In case there is no external voltage divider applied i.e. the ADJ pin is directly connected to the output Q and the output is
pulled below ground by 20 V the current flowing out of the ADJ pin will be typically ~ 4 mA. Please ensure in such cases
that the absolute maximum ratings of the ADJ pin are respected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com