Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7184F3V Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7184F3V
Description  System IC for B6 motor drives
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F3V Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7184F3V Datasheet HTML 1Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 2Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 3Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 4Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 5Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 6Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 7Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 8Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PG-VQFN-48
Type
Package
Marking
TLE7184F-3V
PG-VQFN-48
TLE7184F-3V
Datasheet
4
Rev.1.2, 2016-01-27
System IC for B6 motor drives
TLE7184F-3V
1Overview
Features
Drives 6 N-Channel Power MOSFETs
Integrated 3.3V Vreg-Controller to power µC
Integrated switch for VDH voltage
Separate control input for each MOSFET
Adjustable dead time
Shoot through protection
Analog adjustable Short Circuit Protection levels
Low quiescent current mode
1 bit diagnosis ERR
Over Temperature shut down and analog temperature output
Under Voltage shut down
Adjustable Over Voltage shut down
Current sense OpAmp
Over current shut down based on Current sense OpAmp, fixed shut down level
0 …94% duty cycle at 25 kHz PWM frequency
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7184F-3V is a system IC for Brushless Motor Control. It incorporates a voltage supply for a µC, a bridge
driver for a B6 configuration, an application typical PWM interface and some other smaller features. Target is to
reduce the number of discrete components in typical BLDC automotive applications and give enough flexibility for
custom specific adaptations.
It works with 3-phase motors and brush DC motors. Its exposed pad package allows the usage even at high
ambient temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com