Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7184F Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 13Page - Infineon Technologies AG TLE7184F Datasheet HTML 14Page - Infineon Technologies AG TLE7184F Datasheet HTML 15Page - Infineon Technologies AG TLE7184F Datasheet HTML 16Page - Infineon Technologies AG TLE7184F Datasheet HTML 17Page - Infineon Technologies AG TLE7184F Datasheet HTML 18Page - Infineon Technologies AG TLE7184F Datasheet HTML 19Page - Infineon Technologies AG TLE7184F Datasheet HTML 20Page - Infineon Technologies AG TLE7184F Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TLE7184F
Shunt Signal Conditioning
Data Sheet
17
Rev. 1.2, 2016-01-28
6.1.8
High level output voltage of ISO
V
OH
V
VDD-
0.2
–
V
VDD
V
I
O=-3mA
6.1.9
Low level output voltage of ISO
V
OL
-0.1
–
0.2
V
I
O=3mA
6.1.10
Guaranteed output current
capability
I
GOC
5–
–mA
–
6.1.11
Differential input resistance2)
R
I
100
–
–
k
Ω
–
6.1.12
Common mode input capacitance2)
C
CM
–
–
10
pF
10kHz
6.1.13
Common mode rejection ratio at
DC
CMRR =
20*Log((Vout_diff/Vin_diff) *
(Vin_CM/Vout_CM))
C
MRR
80
100
–
dB
–
6.1.14
Common mode suppression3)2)
with
CMS = 20*Log(Vout_CM/Vin_CM)
Freq =100kHz
Freq = 1MHz
Freq = 10MHz
C
MS
–
62
43
33
–dB
V
IN=360mV*
sin(2*
π*freq*t);
R
s=500Ω; Rfb=7500Ω
6.1.15
Slew rate
d
V/dt
–10
–
V/µs
Gain>= 5;
R
L=1.0kΩ; CL=500pF
6.1.16
Large signal open loop voltage
gain (DC)
A
OL
80
100
–
dB
–
6.1.17
Unity gain bandwidth
G
BW
10
20
–
MHz
R
L=1kΩ; CL=100pF
6.1.18
Phase margin 2)
F
M
–
50
–
°
Gain>= 5;
R
L=1kΩ; CL=100pF
6.1.19
Gain margin 2)
A
M
–12
–
dB
R
L=1kΩ; CL=100pF
6.1.20
Bandwidth
B
WG
1.6
–
–
MHz
Gain=15;
R
L=1kΩ; CL=500pF;
R
s=500Ω
6.1.21
Output settle time to 98%
R
fb/RS=15
R
fb/RS=75
t
set1
–
–
1
4.6
1.8
8
µs
R
L=1kΩ;
C
L=500pF;
0.3<
V
ISO< VDD-0.3V;
R
s=500Ω
1) A minimum capacitance of 100pF is needed at the output of the OpAmp (parasitic or real capacitor);
R
L is the total load
resistance including the feedback network; In the application it is not recommended to apply a resistor from the output ISO
to GND directly in addition to the feedback network.
2) Not subject to production test; specified by design
3) Without considering any offsets such as input offset voltage, internal mismatch and assuming no tolerance error in external
resistors.
Electrical Characteristics - Current sense signal conditioning (cont’d)
V
S = 6.0 to 33 V, Tj = -40 °C to +150 °C, gain = 5 to 75, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)1)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com