Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD2 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7183SCD2
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD2 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7183SCD2 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 23Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 24Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 25Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 26Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 27Page - Infineon Technologies AG TLE7183SCD2 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
25
2.2, 2016-01-27
TLE7183F
Application Description
6.1
Layout Guide Lines
Please refer also to the simplified application example.
•
Three seperated bulk capacitors CB should be used - one per half bridge
•
Three seperated ceramic capacitors CC should be used - one per half bridge
•
Each of the 3 bulk capacitors CB and each of the 3 ceramic capacitors CC should be assigned to one of the half
bridges and should be placed very close to it
•
The components within one half bridge should be placed close to each other: high side MOSFET, low side
MOSFET, bulk capacitor CB and ceramic capacitor CC (CB and CC are in parallel) and the shunt resistor form
a loop that should be as small and tight as possible. The traces should be short and wide
•
The three half bridges can be seperated; yet, when there is one common GND referenced shunt resistor for
the three half bridges the sources of the three low side MOSFETs should be close to each other and close to
the common shunt resistor
•
VDH is the sense pin used for short circuit detection; VDH should be routed (via Rvdh) to the common point
of the drains of the high side MOSFETs to sense the voltage present on drain high side
•
CB2 is the buffer capacitor of charge pump 2; its negative terminal should be routed to the common point of
the drains of the high side MOSFETs as well - this connection should be low inductive / resistive
•
Additional R-C snubber circuits (R and C in series) can be placed to attenuate/suppress oscillations during
switching of the MOSFETs, there may be one or two snubber circuits per half bridge, R (several Ohm) and C
(several nF) must be low inductive in terms of routing and packaging (ceramic capacitors)
•
the exposed pad on the backside of the VQFN should be connected to GND
6.2
Further Application Information
•
For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com