Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD4 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7183SCD4
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD4 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7183SCD4 Datasheet HTML 9Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 10Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 11Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 12Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 13Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 14Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 15Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 16Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
13
2.2, 2016-01-27
TLE7183F
Description and Electrical Characteristics
withstand both, +25 V during operation mode and -VBAT during INH mode, e.g. a ceramic capacitor. In case of load
dump during INH mode, the negative voltage across CB2 will be clamped to -31 V (CB2 referenced to VDH).
5.1.4
Electrical Characteristics
Electrical Characteristics MOSFET drivers - DC Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150°C, FPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Low level output voltage
VG_LL
0.2
V
I=30mA
5.1.2
High level output voltage, Low Side VG_HL
7.5
13
V
I=-2mA; Vs=5.5..8V
5.1.3
High level output voltage, High Side VG_HL
6.5
13
V
I=-2mA; Vs=5.5..8V
5.1.4
High level output voltage
VG_HL
9
13
V
I=-2mA; Vs=8..20V
5.1.5
High level output voltage difference dVG_H
1.0
V
I=-100mA; Vs=20V
5.1.6
Gate drive output voltage (device
disabled via ENAx)
VG(DIS)
0.2
V
Disabled;
Vs=5.5..20V;
I=10mA
5.1.7
Gate drive output voltage
Tj=-40°C
Tj=25°C
Tj=150°C
VG_5
––
1.4
1.2
1.0
V
UVLO; Vs<=5.5V
5.1.8
Gate drive output voltage high side
Tj=-40°C
Tj=25°C
Tj=150°C
VG_HS
––
1.4
1.2
1.0
VOvervoltage
5.1.9
Gate drive output voltage low side VG_LS
0.2
V
Overvoltage
5.1.10
Low level input voltage of Ixx, ENAx VI_LL
––
1.0
V
5.1.11
High level input voltage of Ixx,
ENAx
VI_HL
2.0
––V
5.1.12
Low level input voltage of INH
VI_LL
0.75
V
5.1.13
High level input voltage of INH
VI_HL
2.1
––V
5.1.14
Input hysteresis of IHx, ILx, ENAx
dVI
50
mV
Vs=5.5..8V
5.1.15
Input hysteresis of IHx, ILx, ENAx
dVI
100
200
–-
mV
Vs=8..20V
5.1.16
Output bias current SHx
ISHx
0.3
1.0
1.6
mA
VSHx=0..(Vs+1);
ILx=low; IHx=high
5.1.17
Output bias current SLx
ISLx
0.3
1.0
1.6
mA
VSLx=0..7V;
ILx=low; IHx=high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com