Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F128K32 Datasheet(PDF) 5 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 5 Page - Micross Components

  AS8F128K32 Datasheet HTML 1Page - Micross Components AS8F128K32 Datasheet HTML 2Page - Micross Components AS8F128K32 Datasheet HTML 3Page - Micross Components AS8F128K32 Datasheet HTML 4Page - Micross Components AS8F128K32 Datasheet HTML 5Page - Micross Components AS8F128K32 Datasheet HTML 6Page - Micross Components AS8F128K32 Datasheet HTML 7Page - Micross Components AS8F128K32 Datasheet HTML 8Page - Micross Components AS8F128K32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
5
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and erase
operations in previously protected sectors.
Sector protection/unprotection must be implemented
us-
ing programming equipment. The procedure requires a high
voltage (V
ID
) on address pin A9 and the control pins.
The device is shipped with all sectors unprotected. It is
possible to determine whether a sector is protected or
un-
protected. See “Autoselect Mode” for details.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table).
In addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
V
CC
power-up and power-down transitions, or from system
noise.
Low VCC Write Inhibit
When V
CC
is less than V
LKO
, the device does not accept
any write cycles. This protects data during V
CC
power-up and
power-down. The command register and all internal program/
erase circuits are disabled, and the device resets. Subsequent
writes are ignored until V
CC
is greater than V
LKO
. The system
must provide the proper signals to the control pins to prevent
unintentional writes when V
CC
is greater than V
LKO
.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE\, CEx\ or
WEx\ do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE\ = V
IL
,
CEx\ = V
IH
or WEx\ = V
IH
. To initiate a write cycle, CEx\ and
WEx\ must be a logical zero while OE\ is a logical one.
Power-Up Write Inhibit
If WEx\ = CEx\ = V
IL
and OE\ = V
IH
during power up, the
device does not accept commands on the rising edge of WEx\.
The internal state machine is automatical ly reset to reading
array data on power-up.
TABLE 3: Autoselect Codes (High Voltage Method)
DESCRIPTION
CEx\
OE\
WEx\
A16
to
A14
A13
to
A10
A9
A8 to
A7
A6
A5
to
A2
A1
A0
I/O0 to I/O7
I/O8 to I/O15
I/O16 to I/O23
I/O24 to I/O31
Manufacturer ID: AMD
LL
H
X
X
VID
XL
X
L
L
01h
Device ID: AM29F010B
LL
H
X
X
VID
XL
X
L
H
20h
01h (protected)
00h
(unprotected)
Sector Protection Verification
LL
H
SA
X
VID
XL
X
H
L
LEGEND:
L = Logic Low = V
IL
, H = Logic High = V
IH
, SA = Sector Address, X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com