Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S512K32PECA Datasheet(PDF) 2 Page - Micross Components

Part # AS8S512K32PECA
Description  Parallel Read/Write Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8S512K32PECA Datasheet(HTML) 2 Page - Micross Components

  AS8S512K32PECA Datasheet HTML 1Page - Micross Components AS8S512K32PECA Datasheet HTML 2Page - Micross Components AS8S512K32PECA Datasheet HTML 3Page - Micross Components AS8S512K32PECA Datasheet HTML 4Page - Micross Components AS8S512K32PECA Datasheet HTML 5Page - Micross Components AS8S512K32PECA Datasheet HTML 6Page - Micross Components AS8S512K32PECA Datasheet HTML 7Page - Micross Components AS8S512K32PECA Datasheet HTML 8Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
iPEM
16 MB ASYNC SRAM
AS8S512K32PECA
AS8S512K32PECA
Rev. 0.3 03/11
Micross Components reserves the right to change products or specifications without notice.
2
ABSOLUTE MAXIMUM RATINGS*
Voltage on any pin relative to Vss
-0.5V to 7.0V
Operating Temperature tA (Ambient)
Industrial
-40
oC to +85oC
Enhanced
-40
oC to +105oC
Military
-55
oC to +125oC
Storage Temperature, Plastic
-55
oCto +125oC
Storage Temperature, Plastic
55 C to +125 C
Power Dissipation
5.0 Watts
Output Current
20 mA
Junction Temperature, TJ
175
oC
*Stress greater than those listed under "Absolute
Maximum Ratings"
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions greater than those in di cated in the operational sections of
thi
ifi
ti
i
t ili d E
t
bl t
i
ti
this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Parameter
Sym
Min
Typ
Max
Units
Supply Voltage
VCC
4.75
5
5.25
V
Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.2
---
Vcc+0.5V
V
Input Low Voltage
VIL
-0.3
---
0.8
V
AC TEST CONDITIONS
Input Pulse Levels
Vss to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
Figure 2
Note: For tEHQZ, tGHQZ and tWLQZ, CL=5pF
DC ELECTRICAL CHARACTERISTICS
Units
12/15
20/25
ns
Operating Power Supply Current
ICC1
W#=VIL, II/O=0mA, Min Cycle
350
300
mA
Standby (TTL) Power Supply Current
ICC2
E# VIH, VIN VIL or VIN VIH, f=0MHz
120
125
mA
Full Standby Power Supply Current
E# VCC-0.2V
CMOS
VIN VCC-0.2V or VIN 0.2V
Input Leakage Current
ILI
VIN=0V to VCC
μA
Output Leakage Current
ILO
VI/O=0V to VCC
μA
Ouput High Voltage
VOH
IOH=-4.0mA
2.4
V
Output Low Voltage
VOL
IOL=8.0mA
V
0.4
mA
±5
±5
Parameter
ICC3
20
20
Max
Min
Conditions
Sym
TRUTH TABLE
G#
E#
W#
Mode
Output
Power
ICC2
ICC3
H
L
H
Output Deselect
HIGH Z
ICC1
L
L
H
Read
DOUT
ICC1
XL
L
Write
DIN
ICC1
HIGH Z
X
H
X
Standby
CAPACITANCE
(f=1.0MHz, VIN=VCC or VSS)
Parameter
Sym
Max
Unit
Address Lines
CI
20
pF
Data Lines
CD/Q
7
pF
Write & Output Enable Line
W#, G#
20
pF
Chip Enable Line
E0#, E3#
7
pF
FIG. 2
FIG. 3
Vcc
Vcc
480Ω
480Ω
Q
Q
30pF
255Ω
5pF
255Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com