Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8SLC512K32 Datasheet(PDF) 2 Page - Micross Components

Part # AS8SLC512K32
Description  All inputs and outputs are TTL-compatible
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8SLC512K32 Datasheet(HTML) 2 Page - Micross Components

  AS8SLC512K32 Datasheet HTML 1Page - Micross Components AS8SLC512K32 Datasheet HTML 2Page - Micross Components AS8SLC512K32 Datasheet HTML 3Page - Micross Components AS8SLC512K32 Datasheet HTML 4Page - Micross Components AS8SLC512K32 Datasheet HTML 5Page - Micross Components AS8SLC512K32 Datasheet HTML 6Page - Micross Components AS8SLC512K32 Datasheet HTML 7Page - Micross Components AS8SLC512K32 Datasheet HTML 8Page - Micross Components AS8SLC512K32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AS8SLC512K32
Rev. 2.6 01/10
Micross Components reserves the right to change products or specifications without notice.
2
SRAM
AS8SLC512K32
ABSOLUTE MAXIMUM RATINGS*
Voltage of Vcc Supply Relative to Vss...........-0.5V to +4.6V
Storage Temperature.....................................-65°C to +150°C
Short Circuit Output Current(per I/O)............................20mA
Voltage on Any Pin Relative to Vss............-.5V to Vcc+4.6V
Maximum Junction Temperature**.............................+150°C
*Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation on the
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
**Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow. See the Ap-
plication Information section at the end of this datasheet for
more information.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
o
C and -40oC to +85oC; Vcc = 3.3V ±0.3V)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS NOTES
Input High (logic 1) Voltage
VIH
2.2
VCC+0.3
V1
Input Low (logic 1) Voltage
VIL
-0.3
0.8
V
1
Input Leakage CurrentADD,OE
ILI1
-10
10
μA
Input Leakage CurrentWE,CE
ILI2
-10
10
μA
Output Leakage CurrentI/O
Output(s) Disabled
0V<VOUT<VCC
ILO
-10
10
μA
Output High Voltage
IOH=-4.0mA
VOH
2.4
V
1
Output Low Voltage
IOL=8.0mA
VOL
0.5
V
1
0V<VIN<VCC
DESCRIPTION
SYMBOL
-10
-12
-15
-17
-20
UNITS NOTES
350
320
280
260
240
Low Power (L)
280
240
200
180
160
---
---
---
---
---
Low Power (L)
120
80
80
80
80
---
---
---
---
---
Low Power (L)
80
40
40
40
40
100
80
80
80
80
Low Power (L)
80
60
60
60
60
80
60
60
60
60
Low Power (L)
50
36
36
36
36
ICC2
CS\<VIL; VCC = MAX
f = MAX = 1/ tRC (MIN)
Outputs Open, OE\ = VIH
MAX
ICC3
ICC1
VIN = VCC - 0.2V, or VSS
+0.2V
VCC=Max; f = 0Hz
CONDITIONS
CS\>VIH; VCC = MAX
f = MAX = 1/ tRC (MIN)
Outputs Open, OE\=VIH
Low Speed
Power Supply
Current: Operating
Low Speed
Power Supply
Current: Operating
CS\<VIL; VCC = MAX
f = 10 MHz, OE\ = VIH
CS\<VIL; VCC = MAX
f = 1 MHz, OE\ = VIH
Power Supply
Current: Standby
CMOS Standby
High Speed
Power Supply
Current: Operating
2
mA
mA
mA
2
2, 3,13
ISBT2
ISBT1
mA
3, 13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com