Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS58LC1001 Datasheet(PDF) 3 Page - Micross Components

Part # AS58LC1001
Description  Software Data protection Algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58LC1001 Datasheet(HTML) 3 Page - Micross Components

  AS58LC1001 Datasheet HTML 1Page - Micross Components AS58LC1001 Datasheet HTML 2Page - Micross Components AS58LC1001 Datasheet HTML 3Page - Micross Components AS58LC1001 Datasheet HTML 4Page - Micross Components AS58LC1001 Datasheet HTML 5Page - Micross Components AS58LC1001 Datasheet HTML 6Page - Micross Components AS58LC1001 Datasheet HTML 7Page - Micross Components AS58LC1001 Datasheet HTML 8Page - Micross Components AS58LC1001 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EEPROM
AS58LC1001
AS58LC1001
Rev. 1.8 11/10
Micross Components reserves the right to change products or specifications without notice.
3
FUNCTIONAL DESCRIPTION
AUTOMATIC PAGE WRITE
The Page Write feature allows 1 to 128 Bytes of data to
be written into the EEPROM in a single cycle and allows the
undefined data within 128 Bytes to be written corresponding
to the undefined address (A
0
to A
6
). Loading the first Byte of
data, the data load window of 30
μs opens for the second. In
the same manner each additional Byte of data can be loaded
within 30
μs. In case CE\ and WE\ are kept high for 100μs after
data input, the EEPROM enters erase and write automatically
and only the input data can be written into the EEPROM. In
Page mode the data can be written and accessed 10
4 times per
page, and in Byte mode 10
3 times per Byte.
DATA\ POLLING
Data\ Polling allows the status of the EEPROM to be de-
termined. If the EEPROM is set to Read mode during a Write
cycle, and inversion of the last Byte of data to be loaded outputs
from I/O, to indicate that the EEPROM is performing a Write
operation.
WRITE PROTECTION
(1) Noise protection: Noise on a write cycle will not act
as a trigger with a WE\ pulse of less than 20ns.
(2) Write inhibit: Holding OE\ low, WE\ high or CE\ high
inhibits a write cycle during power on/off.
WE\ AND CE\ PIN OPERATION
During a write cycle, addresses are latched by the falling
edge of WE\ or CE\, and data is latched by the rising edge of
WE\ or CE\.
WRITE/ERASE ENDURANCE AND
DATA RETENTION
The endurance with page programming is 10
4 cycles (1%
cumulative failure rate) and the data retention time is more than
10 years when a device is programmed less than 10
4 cycles.
DATA PROTECTION
To protect the data during operation and power on/off, the
AS58C1001 has:
1. Data protection against Noise on Control Pins (CE\, OE\,
WE\) during Operation. During readout or standby, noise on
the control pins may act as a trigger and turn the EEPROM to
programming mode by mistake. To prevent this phenomenon,
the AS58LC1001 has a noise cancellation function that cuts
noise if its width is 20ns or less in programming mode. Be
careful not to allow noise of a width of more than 20ns on the
control pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com