Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3046 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3046
Description  Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3046 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3046 Datasheet HTML 1Page - National Semiconductor (TI) LM3046 Datasheet HTML 2Page - National Semiconductor (TI) LM3046 Datasheet HTML 3Page - National Semiconductor (TI) LM3046 Datasheet HTML 4Page - National Semiconductor (TI) LM3046 Datasheet HTML 5Page - National Semiconductor (TI) LM3046 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM3046
Transistor Array
General Description
The LM3046 consists of five general purpose silicon NPN
transistors on a common monolithic substrate. Two of the
transistors
are
internally
connected
to
form
a
differentially-connected pair. The transistors are well suited
to a wide variety of applications in low power system in the
DC through VHF range. They may be used as discrete tran-
sistors in conventional circuits however, in addition, they pro-
vide the very significant inherent integrated circuit advan-
tages of close electrical and thermal matching. The LM3046
is supplied in a 14-lead molded dual-in-line package.
Features
n Two matched pairs of transistors
V
BE matched ±5mV
Input offset current 2 µA max at I
C = 1mA
n Five general purpose monolithic transistors
n Operation from DC to 120 MHz
n Wide operating current range
n Low noise figure:
3.2 dB typ at 1 kHz
Applications
n General use in all types of signal processing systems
operating anywhere in the frequency range from DC to
VHF
n Custom designed differential amplifiers
n Temperature compensated amplifiers
Schematic and Connection Diagram
Small Outline Package
DS007950-1
Top View
Order Number LM3046M
See NS Package Number M14A
July 1999
© 1999 National Semiconductor Corporation
DS007950
www.national.com


Similar Part No. - LM3046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3046 NSC-LM3046 Datasheet
179Kb / 6P
LM3045/LM3046/LM3086 Transistor Arrays
logo
Texas Instruments
LM3046 TI1-LM3046 Datasheet
892Kb / 13P
Transistor Array
logo
SYC Electronica
LM3046 SYC-LM3046 Datasheet
640Kb / 7P
Transistor Array
logo
National Semiconductor ...
LM3046M NSC-LM3046M Datasheet
179Kb / 6P
LM3045/LM3046/LM3086 Transistor Arrays
logo
Texas Instruments
LM3046M TI1-LM3046M Datasheet
892Kb / 13P
Transistor Array
More results

Similar Description - LM3046

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6254FS ROHM-BA6254FS Datasheet
62Kb / 4P
PNP transistor array
logo
Sanken electric
STA461C SANKEN-STA461C Datasheet
22Kb / 1P
Power Transistor Array
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
Darlington Transistor Array
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
logo
List of Unclassifed Man...
ULN-2086A ETC1-ULN-2086A Datasheet
68Kb / 1P
TRANSISTOR ARRAY
logo
NEC
UPA80C NEC-UPA80C Datasheet
327Kb / 2P
TRANSISTOR ARRAY
logo
Texas Instruments
LM3046 TI1-LM3046 Datasheet
892Kb / 13P
Transistor Array
logo
Silicon Supplies
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
logo
JSC ALFA.
AS3046 ALFA-AS3046 Datasheet
431Kb / 2P
NPN Transistor Array
logo
Renesas Technology Corp
UPA1424 RENESAS-UPA1424 Datasheet
4Mb / 8P
SILICON TRANSISTOR ARRAY
1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com