Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB817E Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB817E
Description  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB817E Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB817E Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB817E Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistor
2SB817E
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -30mA ; RBE=∞
-140
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -5mA; IE= 0
-160
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -5mA; IC= 0
-6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5.0A; IB= -0.5A
-2.5
V
VBE(on)
Base -Emitter On Voltage
IC= -5A ; VCE= -5V
-1.5
V
ICBO
Collector Cutoff Current
VCB= -160V ; IE=0
-100
μ
A
IEBO
Emitter Cutoff Current
VEB= -4V; IC=0
-100
μ
A
hFE-1
DC Current Gain
IC= -1A ; VCE= -5V
100
200
hFE-2
DC Current Gain
IC= -5A ; VCE= -5V
35
COB
Output Capacitance
IE=0 ; VCB= -10V;ftest= 1.0MHz
210
pF
fT
Current-Gain—Bandwidth Product
IC=-1A ; VCE= -5V
15
MHz
Switching times
ton
Turn-on Time
IC= -1A ,RL= 20Ω,
IB1= -IB2= -0.1A,VCC=-20V
0.25
μ
s
tstg
Storage Time
1.61
μ
s
tf
Fall Time
0.53
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com