Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3046M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3046M
Description  LM3045/LM3046/LM3086 Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3046M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3046M Datasheet HTML 1Page - National Semiconductor (TI) LM3046M Datasheet HTML 2Page - National Semiconductor (TI) LM3046M Datasheet HTML 3Page - National Semiconductor (TI) LM3046M Datasheet HTML 4Page - National Semiconductor (TI) LM3046M Datasheet HTML 5Page - National Semiconductor (TI) LM3046M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7950
December 1994
LM3045LM3046LM3086 Transistor Arrays
General Description
The LM3045 LM3046 and LM3086 each consist of five
general purpose silicon NPN transistors on a common
monolithic substrate Two of the transistors are internally
connected to form a differentially-connected pair The tran-
sistors are well suited to a wide variety of applications in low
power system in the DC through VHF range They may be
used as discrete transistors in conventional circuits howev-
er in addition they provide the very significant inherent inte-
grated circuit advantages of close electrical and thermal
matching The LM3045 is supplied in a 14-lead cavity dual-
in-line package rated for operation over the full military tem-
perature range The LM3046 and LM3086 are electrically
identical to the LM3045 but are supplied in a 14-lead mold-
ed dual-in-line package for applications requiring only a lim-
ited temperature range
Features
Y
Two matched pairs of transistors
VBE matched g5mV
Input offset current 2 mA max at IC e 1mA
Y
Five general purpose monolithic transistors
Y
Operation from DC to 120 MHz
Y
Wide operating current range
Y
Low noise figure
32 dB typ at 1 kHz
Y
Full military
temperature range (LM3045)
b
55 Cto a125 C
Applications
Y
General use in all types of signal processing systems
operating anywhere in the frequency range from DC to
VHF
Y
Custom designed differential amplifiers
Y
Temperature compensated amplifiers
Schematic and Connection Diagram
Dual-In-Line and Small Outline Packages
TLH7950 – 1
Top View
Order Number LM3045J LM3046M LM3046N or LM3086N
See NS Package Number J14A M14A or N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM3046M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3046M NSC-LM3046M Datasheet
197Kb / 6P
Transistor Array
logo
Texas Instruments
LM3046M TI1-LM3046M Datasheet
892Kb / 13P
Transistor Array
LM3046M/NOPB TI1-LM3046M/NOPB Datasheet
892Kb / 13P
Transistor Array
LM3046MX TI1-LM3046MX Datasheet
891Kb / 13P
LM3046 Transistor Array
LM3046MX TI1-LM3046MX Datasheet
892Kb / 13P
Transistor Array
More results

Similar Description - LM3046M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75468 TI-SN75468 Datasheet
159Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
logo
Hitachi Semiconductor
HA1127P HITACHI-HA1127P Datasheet
43Kb / 7P
5 Transistor Arrays
logo
Panasonic Semiconductor
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
logo
Rohm
4AA11 ROHM-4AA11 Datasheet
82Kb / 2P
Power Transistor Arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
TRANSISTOR ARRAYS
PU4220 PANASONIC-PU4220 Datasheet
60Kb / 1P
Power Transistor Arrays
logo
Texas Instruments
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
LM3046MX TI1-LM3046MX Datasheet
891Kb / 13P
LM3046 Transistor Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com