Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2517-JXZX Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2517-JXZX
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517-JXZX Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2517-JXZX Datasheet HTML 4Page - Microchip Technology USB2517-JXZX Datasheet HTML 5Page - Microchip Technology USB2517-JXZX Datasheet HTML 6Page - Microchip Technology USB2517-JXZX Datasheet HTML 7Page - Microchip Technology USB2517-JXZX Datasheet HTML 8Page - Microchip Technology USB2517-JXZX Datasheet HTML 9Page - Microchip Technology USB2517-JXZX Datasheet HTML 10Page - Microchip Technology USB2517-JXZX Datasheet HTML 11Page - Microchip Technology USB2517-JXZX Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 8
 2013-2016 Microchip Technology Inc.
4.0
PIN TABLE
4.1
64-Pin List
TABLE 4-1:
USB2517I 64-PIN TABLE
Upstream USB 2.0 Interfaces (3 pins)
USBUP_DP
USBUP_DM
VBUS_DET
Downstream 7-Port USB 2.0 Interfaces (43 Pins)
USBDN1_DP/
PRT_DIS_P1
USBDN2_DP/
PRT_DIS_P2
USBDN3_DP/
PRT_DIS_P3
USBDN4_DP/
PRT_DIS_P4
USBDN5_DP/
PRT_DIS_P5
USBDN6_DP/
PRT_DIS_P6
USBDN7_DP/
PRT_DIS_P7
USBDN1_DM/
PRT_DIS_M1
USBDN2_DM/
PRT_DIS_M2
USBDN3_DM/
PRT_DIS_M3
USBDN4_DM/
PRT_DIS_M4
USBDN5_DM/
PRT_DIS_M5
USBDN6_DM/
PRT_DIS_M6
USBDN7_DM/
PRT_DIS_M7
LED_A1_N/
PRT_SWP1
LED_A2_N/
PRT_SWP2
LED_A3_N/
PRT_SWP3
LED_A4_N/
PRT_SWP4
LED_A5_N/
PRT_SWP5
LED_A6_N/
PRT_SWP6
LED_A7_N/
PRT_SWP7
LED_B1_N/
BOOST0
LED_B2_N/
BOOST1
LED_B3_N/
GANG_EN
LED_B4_N
LED_B5_N
LED_B6_N
LED_B7_N
PRTPWR1
PRTPWR2
PRTPWR3
PRTPWR4
PRTPWR5
PRTPWR6
PRTPWR7
OCS1_N
OCS2_N
OCS3_N
OCS4_N
OCS5_N
OCS6_N
OCS7_N
RBIAS
Serial Port Interface (4 Pins)
SDA/
SMBDATA/
NON_REM1
SCL/
SMBCLK/
CFG_SEL0
HS_IND/
CFG_SEL1
CFG_SEL2
MISC (5 Pins)
XTAL1/CLKIN
XTAL2
SUSP_IND/
LOCAL_PWR/
NON_REM0
RESET_N
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com