| Electronic Components Datasheet Search |
|
USB2229 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2229 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 28 page ![]() USB2229/USB2230 DS00002252A-page 12 2005-2016 Microchip Technology Inc. CF IO Write Strobe CF_nIOW O8 This pin is an active low write strobe signal for CF device. SmartMedia INTERFACE SM Write Protect SM_nWP O8PD This pin is an active low write protect signal for the SM device. This pin has a weak pull-down resistor that is permanently enabled SM Address Strobe SM_ALE O8PD This pin is an active high Address Latch Enable signal for the SM device. This pin has a weak pull-down resistor that is permanently enabled SM Command Strobe SM_CLE O8PD This pin is an active high Command Latch Enable signal for the SM device. This pin has a weak pull-down resistor that is permanently enabled SM Data7-0 SM_D[7:0] I/O8PD These pins are the bi-directional data signal SM_D7- SM_D0. The bi-directional data signal has an internal weak pull- down resistor. SM Read Enable SM_nRE 08PU This pin is an active low read strobe signal for SM device. When using the internal FET, this pin has an internal weak pull-up resistor that is tied to the output of the internal Power FET. 08 If an external FET is used (Internal FET is disabled), then the internal pull-up is not available (external pull-ups must be used, and should be connected to the applicable Card Power Supply). SM Write Enable SM_nWE O8PU This pin is an active low write strobe signal for SM device. When using the internal FET, this pin has an internal weak pull-up resistor that is tied to the output of the internal Power FET. 08 If an external FET is used (Internal FET is disabled), then the internal pull-up is not available (external pull-ups must be used, and should be connected to the applicable Card Power Supply). SM Write Protect Switch SM_nWPS IPU A write-protect seal is detected, when this pin is low. This pin has an internally controlled weak pull-up resistor. SM Busy or Data Ready SM_nB/R I This pin is connected to the BSY/RDY pin of the SM device. An external pull-up resistor is required on this signal. The pull-up resistor must be pulled up to the same power source that powers the SM/NAND flash device. SM Chip Enable SM_nCE O8PU This pin is the active low chip enable signal to the SM device. When using the internal FET, this pin has an internal weak pull-up resistor that is tied to the output of the internal Power FET. 08 If an external FET is used (Internal FET is disabled), then the internal pull-up is not available (external pull-ups must be used, and should be connected to the applicable Card Power Supply). TABLE 5-1: USB2229/USB2230 PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |