Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2240-AEZG Datasheet(PDF) 34 Page - Microchip Technology

Part # USB2240-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240-AEZG Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB2240-AEZG Datasheet HTML 30Page - Microchip Technology USB2240-AEZG Datasheet HTML 31Page - Microchip Technology USB2240-AEZG Datasheet HTML 32Page - Microchip Technology USB2240-AEZG Datasheet HTML 33Page - Microchip Technology USB2240-AEZG Datasheet HTML 34Page - Microchip Technology USB2240-AEZG Datasheet HTML 35Page - Microchip Technology USB2240-AEZG Datasheet HTML 36Page - Microchip Technology USB2240-AEZG Datasheet HTML 37Page - Microchip Technology USB2240-AEZG Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
USB224X
DS00001979A-page 34
 2010 - 2015 Microchip Technology Inc.
Note 9-4
Output leakage is measured with the current pins in high impedance.
Note 9-5
See The USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 9-6
RBIAS is a 3.3 V tolerant analog pin.
Note 9-7
Output current range is controlled by program software, software disables FET during short circuit
condition.
Note 9-8
The assignment of each Integrated Card Power FET to a designated Card Connector is controlled
by both firmware and the specific board implementation.
Note 9-9
The 3.3 V supply should be at least at 75% of its operating condition before the 1.8 V supply is
allowed to ramp up.
9.4
Capacitance
TA = 25°C; fc = 1 MHz; VDD, VDDP = 1.8 V
9.5
Package Thermal Specification
Note 9-10
Thermal parameters are measured or estimated for devices with the exposed pad soldered to thermal
vias in a multilayer 2S2P PCB per JESD51. Thermal resistance is measured from the die to the
ambient air.
TABLE 9-1:
PIN CAPACITANCE
Parameter
Symbol
Limits
Unit
Test Condition
MIN
TYP
MAX
Clock Input Capacitance
CXTAL
2
pF
All pins (except USB pins and
pins under test) are tied to AC
ground.
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
TABLE 9-2:
36-PIN QFN PACKAGE THERMAL PARAMETERS
Parameter
Velocity
(Meters/Sec)
Symbol
Value
Unit
Thermal Resistance
0
Θ
JA
33.2
°C/W
129
226
Junction-to-Top-of-Package
0
Ψ
JT
2.6
°C/W
12.6
22.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com