Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1001-4 Datasheet(PDF) 9 Page - Microchip Technology

Part # UCS1001-4
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-4 Datasheet(HTML) 9 Page - Microchip Technology

Back Button UCS1001-4 Datasheet HTML 5Page - Microchip Technology UCS1001-4 Datasheet HTML 6Page - Microchip Technology UCS1001-4 Datasheet HTML 7Page - Microchip Technology UCS1001-4 Datasheet HTML 8Page - Microchip Technology UCS1001-4 Datasheet HTML 9Page - Microchip Technology UCS1001-4 Datasheet HTML 10Page - Microchip Technology UCS1001-4 Datasheet HTML 11Page - Microchip Technology UCS1001-4 Datasheet HTML 12Page - Microchip Technology UCS1001-4 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
9
Revision 1.4 (07-16-13)
DATASHEET
IBUS_R2MIN
Current limiter mode boundary.
ILIM
The IBUS current threshold used in current limiting. In trip mode, when ILIM is reached,
the port power switch is opened. In constant current mode, when the current exceeds ILIM,
operation continues at a reduced voltage and increased current; if VBUS voltage drops
below VBUS_MIN, the port power switch is opened.
Legacy
USB devices that require non-BC1.2 signatures be applied on the DPOUT and DMOUT
pins to enable charging.
OCL
Over-current limit.
portable device
USB device attached to the USB port.
power thief
A USB device that does not follow the handshaking conventions of a BC1.2 device or
Legacy devices and draws current immediately upon receiving power (i.e., a USB book
light, portable fan, etc).
removal
The physical removal of a portable device from a USB port that the UCS1001 is controlling.
SDP or USB-IF SDP
Standard downstream port. The combination of the UCS1001 high-speed switch being
closed with an upstream USB host present comprises a BC1.2 SDP. This enables a BC1.2
compliant portable device to simultaneously draw current up to 0.5 A while data
communication is active.
signature
Application of a charger emulation profile without waiting for a response. One-way
communication from the UCS1001 to the portable device.
Table 1.1 Terms and Abbreviations (continued)
TERM /
ABBREVIATION
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com