Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2241II-AEZG Datasheet(PDF) 3 Page - Microchip Technology

Part # USB2241II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2241II-AEZG Datasheet(HTML) 3 Page - Microchip Technology

  USB2241II-AEZG Datasheet HTML 1Page - Microchip Technology USB2241II-AEZG Datasheet HTML 2Page - Microchip Technology USB2241II-AEZG Datasheet HTML 3Page - Microchip Technology USB2241II-AEZG Datasheet HTML 4Page - Microchip Technology USB2241II-AEZG Datasheet HTML 5Page - Microchip Technology USB2241II-AEZG Datasheet HTML 6Page - Microchip Technology USB2241II-AEZG Datasheet HTML 7Page - Microchip Technology USB2241II-AEZG Datasheet HTML 8Page - Microchip Technology USB2241II-AEZG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 3
USB224X
1.0
INTRODUCTION
The Microchip USB224x is a flash media card reader solution fully compliant with the USB 2.0 specification. All required
resistors on the USB ports are integrated into the device. This includes all series termination resistors on D+ and D–
pins and all required pull-down and pull-up resistors. The over-current sense inputs for the downstream facing ports
have internal pull-up resistors.
1.1
Hardware Features
• Single chip flash media controller in low pin count 36-pin QFN, RoHS compliant package
• Commercial temperature products support 0°C to +70°C: USB2240/41 and USB2244
• Industrial temperature products support -40°C to +85°C: USB2240I/41I and USB2244I
• 8051 8-bit microprocessor
- 60 MHz - single cycle execution
- 64 KB ROM |14 KB RAM
• Supports a single external 3.3 V supply source; internal regulators provide 1.8 V internal core voltage for addi-
tional bill of materials and power savings
Compliance with the following flash media card specifications:
• Secure Digital 2.0
- HS-SD and SDHC
- TransFlash™ and reduced form factor media
• MultiMediaCard 4.2
- 1/4/8 bit MMC
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
• Memory Stick Duo 1.10
• xD-Picture Card 1.2
1.2
Software Features
• If the OEM is using an external EEPROM, the following features are available:
- Customizable vendor, product, language, and device ID’s
- 12-hex digits maximum for the serial number string
- 28-character manufacturer ID and product strings for the flash media reader/writer
- LED blink interval or duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com