Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2244-AEZG Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2244-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244-AEZG Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2244-AEZG Datasheet HTML 10Page - Microchip Technology USB2244-AEZG Datasheet HTML 11Page - Microchip Technology USB2244-AEZG Datasheet HTML 12Page - Microchip Technology USB2244-AEZG Datasheet HTML 13Page - Microchip Technology USB2244-AEZG Datasheet HTML 14Page - Microchip Technology USB2244-AEZG Datasheet HTML 15Page - Microchip Technology USB2244-AEZG Datasheet HTML 16Page - Microchip Technology USB2244-AEZG Datasheet HTML 17Page - Microchip Technology USB2244-AEZG Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
USB224X
DS00001979A-page 14
 2010 - 2015 Microchip Technology Inc.
xD_nWE
12
O12PU
xD Write Enable
This pin is an active low write strobe signal for the xD
device.
When using the internal FET, this pin has a weak internal
pull-up resistor that is tied to the output of the internal
power FET.
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used).
xD_nB/R
17
IPU
xD Busy or Data Ready
This pin is connected to the BSY/RDY pin of the xD
device.
When using the internal FET, this pin has a weak internal
pull-up resistor that is tied to the output of the internal
power FET.
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used).
xD_nCD
19
I/O12
xD Card Detection
This is designated by the default firmware as the xD-
Picture card detection pin.
Note: This pin can be left unconnected if the socket is
not used.
xD_nCE
15
O12PU
xD Chip Enable
This pin is the active low chip enable signal to the xD
device.
When using the internal FET, this pin has a weak internal
pull-up resistor that is tied to the output of the internal
power FET.
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used).
MEMORY STICK (MS) INTERFACE
MS_D[7:0]
8
7
4
5
23
20
10
11
I/O12PD
MS System Data In/Out
These pins are the bi-directional data signals for the MS
device. MS_D0, MS_D2, and MS_D3 have weak pull-
down resistors.
In serial mode, the most significant bit (MSB) of each byte
is transmitted first by either MSC or MS device on
MS_D0.
In parallel mode, MS_D1 has a pull-down resistor,
otherwise it is disabled.
In 4- or 8-bit parallel mode, there is a weak pull-down
resistor on all MS_D7 - 0 signals.
TABLE 6-1:
USB224X 36-PIN QFN PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com