Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL610-01WC Datasheet(PDF) 1 Page - Microchip Technology

Part # PL610-01WC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01WC Datasheet(HTML) 1 Page - Microchip Technology

  PL610-01WC Datasheet HTML 1Page - Microchip Technology PL610-01WC Datasheet HTML 2Page - Microchip Technology PL610-01WC Datasheet HTML 3Page - Microchip Technology PL610-01WC Datasheet HTML 4Page - Microchip Technology PL610-01WC Datasheet HTML 5Page - Microchip Technology PL610-01WC Datasheet HTML 6Page - Microchip Technology PL610-01WC Datasheet HTML 7Page - Microchip Technology PL610-01WC Datasheet HTML 8Page - Microchip Technology PL610-01WC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 1
PL610-01/-02/-03
Features
• Single Die, Wide Frequency Coverage,
Programmable Advanced Oscillator Design
• Single IC to Cover up to 130 MHz Output
Frequency.
• Direct Oscillation Operation with Optional
Programmable Features:
- ±50 ppm Frequency Tuning
- Output Drive Setting (4 mA, 8 mA, or 16 mA)
- 6-Bit Odd/Even Output Divider (≤ ÷63)
• Fundamental Crystal Input Frequency:
- 10 MHz to 60 MHz (Default)
- 60 MHz to 130 MHz (Programming Option)
• Output Frequency: LVCMOS
- 80kHz to 130MHz
• Wire Bond and Flip Chip Options to Choose from
• Very Low Jitter and Phase Noise
• Low Current Consumption
• Single 1.8V, 2.5V, or 3.3V ±10% Power Supply
• Operating Temperature Range from –40°C to
+85°C
General Description
The PL610 is a high performance general purpose
clock that uses a single die to cover outputs up to
130 MHz, eliminating the need for multiple ICs to cover
a wide frequency range. Designed to fit in a small
2.0 mm x 1.6 mm, or larger substrates, the PL610
offers the best phase noise and jitter performance,
smallest die size, and lowest power consumption of
any comparable IC.
The optional ‘frequency fine tuning’ feature of PL610
allows for frequency adjustment after encapsulation of
the module, up to ±50 ppm. In addition, there is a ‘6’ bit
optional programmable Odd/Even divider (default =
÷1), and three programmable output drive strengths
(4 mA, 8 mA (default), 16 mA) to choose from. The full
feature set of PL610 makes it the most versatile XO for
any application.
Block Diagram
PL610-01/-02/-03
FIN
XOUT
CLK0
OE, PDB, CLK1
Programmable
C
LOAD
Programmable Function
/1, 2
XTAL
OSC
P-Counter
(6-bit)
(PDB)
FREF
1.8V to 3.3V Single IC XO
with Frequency Tuning (10 MHz to 130 MHz)


Similar Part No. - PL610-01WC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01-XXXGC PLL-PL610-01-XXXGC Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01-XXXGC MICROCHIP-PL610-01-XXXGC Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL610-01WC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com