Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL610-01VC Datasheet(PDF) 3 Page - Microchip Technology

Part # PL610-01VC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01VC Datasheet(HTML) 3 Page - Microchip Technology

  PL610-01VC Datasheet HTML 1Page - Microchip Technology PL610-01VC Datasheet HTML 2Page - Microchip Technology PL610-01VC Datasheet HTML 3Page - Microchip Technology PL610-01VC Datasheet HTML 4Page - Microchip Technology PL610-01VC Datasheet HTML 5Page - Microchip Technology PL610-01VC Datasheet HTML 6Page - Microchip Technology PL610-01VC Datasheet HTML 7Page - Microchip Technology PL610-01VC Datasheet HTML 8Page - Microchip Technology PL610-01VC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 3
PL610-01/-02/-03
TABLE 1-1:
AC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Crystal Input Frequency (XIN)
10
60
MHz
Fundamental Crystal,
Low Frequency
60
130
Fundamental Crystal,
High Frequency
Output Frequency
.080
130
MHz
@ VDD = 1.8V to 3.3V, ±10%
VDD Sensitivity
–2
+2
ppm
Frequency vs. VDD±10%
Output Rise Time (see Figure 3-1)—
1
1.2
ns
15 pF Load, 10/90% VDD,
High Drive, 3.3V
Output Fall Time (see Figure 3-1)——
1
1.2
ns
15 pF Load, 10/90% VDD,
High Drive, 3.3V
Duty Cycle (Note 1, see Figure 3-1)
45
50
55
%
Note 1:
For 1.8V operation, the 50% ±5% duty cycle is guaranteed for frequencies ≤40 MHz.
TABLE 1-2:
DC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current, Dynamic, with
Loaded LVCMOS Output
IDD
—3.7
mA
VDD = 3.3V, 40 MHz,
Load = 15 pF
—2.75—
VDD = 2.5V, 40 MHz,
Load = 15 pF
—2.0
VDD = 1.8V, 40 MHz,
Load = 15 pF
—2.5
VDD = 3.3V, 26 MHz,
Load = 15 pF
—1.8
VDD = 2.5V, 26 MHz,
Load = 15 pF
—1.3
VDD = 1.8V, 26 MHz,
Load = 15 pF
Supply Current, Dynamic, with
Unloaded LVCMOS Output
—1.65—
mA
VDD = 3.3V, 40 MHz,
No Load
—1.2
VDD = 2.5V, 40 MHz,
No Load
—0.9
VDD = 1.8V, 40 MHz,
No Load
—1.2
VDD = 3.3V, 26 MHz,
No Load
—0.8
VDD = 2.5V, 26 MHz,
No Load
—0.58—
VDD = 1.8V, 26 MHz,
No Load
Operating Voltage
VDD
1.62
3.63
V
Power Supply Ramp
tPU
0.001
100
ms
Time for VDD to reach 90%
VDD. Power ramp must be
monotonic.
Output Low Voltage
VOL
——
0.1
V
IOL = +4 mA Standard Drive
Output High Voltage
VOH
VDD
0.4
——
V
IOH = –4 mA Standard Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com