Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT9933LG-G Datasheet(PDF) 4 Page - Microchip Technology

Part # AT9933LG-G
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933LG-G Datasheet(HTML) 4 Page - Microchip Technology

  AT9933LG-G Datasheet HTML 1Page - Microchip Technology AT9933LG-G Datasheet HTML 2Page - Microchip Technology AT9933LG-G Datasheet HTML 3Page - Microchip Technology AT9933LG-G Datasheet HTML 4Page - Microchip Technology AT9933LG-G Datasheet HTML 5Page - Microchip Technology AT9933LG-G Datasheet HTML 6Page - Microchip Technology AT9933LG-G Datasheet HTML 7Page - Microchip Technology AT9933LG-G Datasheet HTML 8Page - Microchip Technology AT9933LG-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AT9933
DS20005597A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VIN to GND ................................................................................................................................................–0.5V to +75V
CS1, CS2, PWMD and GATE to GND ............................................................................................. –0.3V to VDD +0.3V
VDD(MAX) ................................................................................................................................................................. +12V
Operating Temperature Range............................................................................................................. –40°C to +125°C
Junction Temperature.......................................................................................................................................... +150°C
Storage Temperature Range ............................................................................................................... –65°C to +150°C
Continuous Power Dissipation (TA = +25°C):
8-lead SOIC ............................................................................................................................................ 700 mW
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Specifications are at TA = 25°C, VIN = Open and VDD = 7.5V unless otherwise noted.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
INPUT
Input DC Supply Voltage Range
VINDC
Note 3
—
75
V
DC input voltage
(Note 1 and Note 2)
Shutdown Mode Supply Current
IINSD
—
0.5
1
mA
PWMD connected to GND,
VIN = 12V (Note 2)
INTERNAL REGULATOR
Internally Regulated Voltage
VDD
7
7.5
9
V
VIN = 8V–75V, IDD(EXT) = 0,
500 pF capacitor at GATE,
PWMD = GND (Note 1)
VDD Undervoltage Lockout
Threshold
UVLO
6.35
6.7
7.05
V
VDD rising (Note 1)
VDD Undervoltage Lock-out
Hysteresis
∆UVLO
—
500
—
mV
REFERENCE
REF Pin Voltage
0°C < TA < +85°C
VREF
1.212
1.25
1.288
V
REF bypassed with a 0.1 µF
capacitor to GND, IREF = 0,
PWMD = 5V
REF Pin Voltage
–40°C < TA < +125°C
1.187
1.25
1.312
Line Regulation of Reference
Voltage
VREFLINE
0
—
20
mV
REF bypassed with a 0.1 µF capac-
itor to GND, IREF = 0,
VDD = 7V–9V, PWMD = 5V
Reference Output Current Range
IREF
–0.01
—
500
µA
REF bypassed with a 0.1 µF capac-
itor to GND, IREF = 0, VDD = 7V–9V,
PWMD = 5V
Load Regulation of Reference
Voltage
VREFLOAD
0
—
10
mV
REF bypassed with a 0.1 µF capac-
itor to GND, IREF = 0 µA–500 µA,
PWMD = 5V
PWM DIMMING
PWMD Input Low Voltage
VPWMD(LO)
—
—
0.8
V
VDD = 7V–9V (Note 1)
PWMD Input High Voltage
VPWMD(HI)
2
—
—
V
VDD = 7V–9V (Note 1)
Note 1:
Specifications apply over the full operating ambient temperature range of –40ºC < TA < +125ºC.
2: Also limited by package power dissipation limit, whichever is lower
3: Depends on the current drawn by the part. See Section 4.0 “Application Information”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com