Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5 Datasheet(PDF) 38 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 38 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 34Page - Integrated Device Technology SAP5 Datasheet HTML 35Page - Integrated Device Technology SAP5 Datasheet HTML 36Page - Integrated Device Technology SAP5 Datasheet HTML 37Page - Integrated Device Technology SAP5 Datasheet HTML 38Page - Integrated Device Technology SAP5 Datasheet HTML 39Page - Integrated Device Technology SAP5 Datasheet HTML 40Page - Integrated Device Technology SAP5 Datasheet HTML 41Page - Integrated Device Technology SAP5 Datasheet HTML 42Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
38
January 28, 2016
5.8.5.
Special Function of DSTBn
In addition to the standard output function, the Data Strobe Pin serves as an external reset input for all operational
modes of the SAP5. Pulling the DSTBn pin low for more than a minimum reset time generates an unconditioned
reset of the SAP5, which is immediately followed by an initialization of the State Machine (EEPROM read out).
For further information on the SAP5 reset behavior, especially in regard to the signal timing, see section 5.13.
5.9.
Data and Parameter Port Configuration
Data and Parameter Ports are configured by programming the IO_Code in the EEPROM (see Table 4.2). The
configuration also depends on the Safety_Mode_Enable setting (see Table 4.4). Table 5.14 lists the different
configurations selected by the IO_Code settings.
NOTE: Table 5.14 refers to slaves that are not running in Safety Mode (for Safety Mode details, see section 5.18)
The following configurations are possible:
•
OUT: output only; data are valid up to the next DSTBn/PSTBn strobe pulse
•
IN: input only; open-drain output is fixed at the high-impedance state
•
I/O: bi-directional port with timing according to Figure 5.2 and Figure 5.3
•
INOUT: If IO_Code = 7, the Parameter Ports are configured as outputs after WPAR master calls and as
inputs after DEXG master calls, respectively.
•
PASSIV: no input function and open-drain output is fixed at the high-impedance state
If any of the D0 to D3 Data Ports is configured as OUT, the SAP5 slave answer to a DEXG master request
contains the respective information bit I[3:0] received from the master. However, Parameter Ports P[3:0] are
always operated as bi-directional, including a read-back of the actual port level as described in section 5.8.
Table 5.14 Data and Parameter Port Configuration for Non-Safety-Mode Operation
Note: See important table notes at the end of the table.
IO_Code
D0
D1
D2
D3
1)
P0
P1
P2
P3
1)
0
IN
IN
IN
IN
OUT
OUT
OUT
OUT
1
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
2
IN
IN
IN
I/O
OUT
OUT
OUT
OUT
3
IN
IN
OUT
OUT
OUT
OUT
OUT
OUT
4
IN
IN
I/O
I/O
OUT
OUT
OUT
OUT
5
IN
OUT
OUT
OUT
OUT
OUT
OUT
OUT
6
IN
I/O
I/O
I/O
OUT
OUT
OUT
OUT
7
2)
OUT
OUT
OUT
OUT
INOUT
INOUT
INOUT
INOUT
8
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
9
OUT
OUT
OUT
IN
OUT
OUT
OUT
OUT
A
OUT
OUT
OUT
I/O
OUT
OUT
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com