Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASJD1200R045 Datasheet(PDF) 1 Page - Micross Components

Part # ASJD1200R045
Description  Positive Temperature Coeffi cient for Ease of Paralleling
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ASJD1200R045 Datasheet(HTML) 1 Page - Micross Components

  ASJD1200R045 Datasheet HTML 1Page - Micross Components ASJD1200R045 Datasheet HTML 2Page - Micross Components ASJD1200R045 Datasheet HTML 3Page - Micross Components ASJD1200R045 Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SiC JFET
ASJD1200R045
ASJD1200R045
Rev. 0.1 06/11
Micross Components reserves the right to change products or specifications without notice.
1
ADVANCE INFORMATION
Normally-ON Trench Silicon
Carbide Power JFET
FEATURES:
• Hermetic TO-258 Packaging
• 200°C Maximum Operating Temperature (260oC Contact Factory)
• Available Screening:
- MIL-PRF-19500 Equivalent
- Space Level
- MIL-STD-750 Methods & Conditions
• Inherent Radiation Tolerance >100K TID
• Positive Temperature Coefficient for Ease of Paralleling
• Extremely Fast Switching with No “Tail” Current at 150°C
• 1200 Volt Drain-Source Blocking Voltage
• RDS
(on)max of 0.045 
• Voltage Controlled
• Low Gate Charge
• Low Intrinsic Capacitance
APPLICATIONS:
• Satellite Solar Inverters
• Mil Spec Power Supplies
- Switch Mode
- Uninterrupted
• Jet Engine Electronics
• Down-hole Electronics (Motor / Compressor Control)
MAXIMUM RATINGS
BVDS
1200
V
RDS(ON)max
0.045
ETS,typ
TBD
μJ
Product Summary
Parameter
Symbol
Conditions
Value
Unit
ID, Tj=125
Tj = 125 °C
50
ID, Tj=150
Tj = 150 °C
40
Pulsed Drain Current
(1)
IDM
Tc = 25 °C
150
A
Short Circuit Withstand Time
tSC
VDD < 800 V, TC < 125 °C
50
μS
Power Dissipation
PD
Tc = 25 °C
TBD
W
Gate Source Voltage
VGS
AC
(2)
15 to +15
V
Operating and Storage Temperature
Tj, Tj,stg
55 to +200*
oC
Lead Temperature for Soldering
Tsold
1/8" from case < 10 s
260
oC
(1) Limited by pulse width
(2) RgEXT =1 ohm, tp < 200ns, see Figure 5 for static conditions
*Consult factory for 260
OC
Continuous Drain Current
A
THERMAL CHARACTERISTICS
Typ
Max
Thermal Resistance, junction to case
Rth,JC
TBD
Thermal Resistance, junction to ambient
Rth,JA
TBD
°C / W
Value
Unit
Symbol
Parameter
G (1)
S (3)
D (2,4)
Internal Schematic
1 2 3
4
TO-258
Non-isolated tab version shown.
For isolated tab version, tab (4)
is No Connect.
Die Inside
For more products and
information, please visit our
website at www.micross.com


Similar Part No. - ASJD1200R045

ManufacturerPart #DatasheetDescription
logo
Micross Components
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
More results

Similar Description - ASJD1200R045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TYPET1794 ETC-TYPET1794 Datasheet
89Kb / 1P
Type T1794 Custom Low Temperature Coeffi cient Precision SIP Resistor Networks
logo
International Rectifier
IRF530PBF IRF-IRF530PBF Datasheet
3Mb / 7P
Dynamic dv/dt Rating, Fast Switching, Ease of Paralleling, Simple Drive Requirements
IRFY130 IRF-IRFY130 Datasheet
167Kb / 7P
Simple Drive Requirements Ease of Paralleling Hermetically Sealed
logo
IXYS Corporation
IXA12IF1200PB IXYS-IXA12IF1200PB Datasheet
157Kb / 6P
Easy paralleling due to the positive temperature coefficient of the on-state voltage
IXA27IF1200HJ IXYS-IXA27IF1200HJ Datasheet
134Kb / 6P
Easy paralleling due to the positive temperature coefficient of the on-state voltage
IXA20I1200PB IXYS-IXA20I1200PB Datasheet
106Kb / 4P
Easy paralleling due to the positive temperature
IXA20IF1200HB IXYS-IXA20IF1200HB Datasheet
129Kb / 6P
Easy paralleling due to the positive temperature Easy paralleling due to the positive temperature
logo
Micross Components
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
Ease of Paralleling
06/23/16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com