Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC247 Datasheet(PDF) 13 Page - Micross Components

Part # HMC247
Description  E-Band Communications Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC247 Datasheet(HTML) 13 Page - Micross Components

Back Button HMC247 Datasheet HTML 7Page - Micross Components HMC247 Datasheet HTML 8Page - Micross Components HMC247 Datasheet HTML 9Page - Micross Components HMC247 Datasheet HTML 10Page - Micross Components HMC247 Datasheet HTML 11Page - Micross Components HMC247 Datasheet HTML 12Page - Micross Components HMC247 Datasheet HTML 13Page - Micross Components HMC247 Datasheet HTML 14Page - Micross Components HMC247 Datasheet HTML 15Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC1057
v01.0413
GaAs MMIC SUB HARMONIC
I/Q MIXER, 71 - 86 GHz
Table 3. Pad Descriptions
Pad Number
Function
Description
Pad Schematic
1
RF
This pad is matched to 50 Ohms.
2, 4
IF1, IF2
These pads are matched to 50 Ohms.
3
LO
This pad is AC coupled
and Matched to 50 Ohms.
Die Bottom
GND
Die bottom must be connected to RF/DC
ground
Assembly Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com