Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEAP3W01-TXUX-23 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEAP3W01-TXUX-23
Description  OSTAR High Power Projection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W01-TXUX-23 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEAP3W01-TXUX-23 Datasheet HTML 1Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 2Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 3Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 4Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 5Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 6Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 7Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 8Page - OSRAM GmbH LEAP3W01-TXUX-23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 1.0
LE A P3W 01
2016-06-06
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
125
°C
Forward current
Durchlassstrom
(T
j = 125 °C; all chips operated in parallel)
I
F
600 ... 30000
mA
Forward current pulsed
Durchlassstrom gepulst
(D = 0.6; f = 240 Hz; Tj = 125°C; all chips operated in
parallel)
IF pulse
600 ... 36000
mA
Surge current
Stoßstrom
(tp ≤ 10 µs; D = 0.1; T
j = 125 °C; all chips operated in
parallel)
I
FM
48000
mA
Reverse voltage
Sperrspannung
(TBoard = 25 °C)
VR
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2)
V
ESD
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com