Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEBP2W-FZGZ-24 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEBP2W-FZGZ-24
Description  OSTAR High Power Projection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP2W-FZGZ-24 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEBP2W-FZGZ-24 Datasheet HTML 1Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 2Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 3Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 4Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 5Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 6Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 7Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 8Page - OSRAM GmbH LEBP2W-FZGZ-24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 2.11
LE B P2W
2016-05-30
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 19
Dominant Wellenlängengruppen 2) Seite 19
Group
Radiant Power 1) page 19
Radiant Power 1) page 19
Gruppe
Strahlungsleistung 1) Seite 19
Strahlungsleistung 1) Seite 19
(min.) Φ
E [mW]
(max.) Φ
E [mW]
FZ
15000
18000
GX
18000
21000
GY
21000
24000
GZ
24000
28000
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
452
456
3
456
460
4
460
465
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com