Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LECGP2W-7U6V-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LECGP2W-7U6V-1
Description  OSTAR High Power Projection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP2W-7U6V-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LECGP2W-7U6V-1 Datasheet HTML 1Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 2Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 3Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 4Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 5Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 6Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 7Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 8Page - OSRAM GmbH LECGP2W-7U6V-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 2.8 (not for new design)
LE CG P2W
2016-05-30
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
7U
5600
6300
8U
6300
7100
5V
7100
8000
6V
8000
9000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com