Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC79110-4.2YML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC79110-4.2YML
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110-4.2YML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC79110-4.2YML Datasheet HTML 8Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 9Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 10Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 11Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 12Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 13Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 14Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 15Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Micrel, Inc.
MIC79110
September 23, 2013
12
Revision 2.1
Lithium-ion Batteries
Lithium-ion batteries are charged in two stages to reach
full capacity. The first stage charges the battery with
maximum charge current until 90% of the battery cell’s
voltage limit is reached. The second stage tops off the
charge with constant voltage charge as the charge
current slowly decreases. End of charge is reached when
the current is less than 3% of the rated current. A third
stage will occasionally top off with charge with constant
voltage charge if the battery voltage drops below a
certain threshold.
Figure 2. Typical Two-Stage Lithium Charge Profile
All lithium-ion batteries take approximately 3 hours to
charge with the second stage taking twice as long as the
first stage. Some chargers claim to be fast chargers by
skipping the second stage and just charges the battery
until the cell voltage is reached. This only charges the
battery to 70% capacity.
An increase in the charge current during stage 1 does not
shorten the total charge time. It will only shorten the time
for stage 1 to complete and lengthen the time in stage 2.
The lithium-ion loses charge due to aging whether it is
used or not. Do not store the batteries at full charge and
high heat because it will accelerate the aging process.
Try and store with 40% charge and in a cool
environment.
Lithium-ion Safety Precautions
Every lithium-ion battery pack should have a safety circuit
which monitors the charge and discharge of the pack and
prevents dangerous occurrences.
The specifications of these safety circuits are dictated by
the cell manufacturer and may include the following:
Reverse polarity protection.
Charge temperature must not be charged when
temperature is lower than 0°C or above 45°C.
Charge current must not be too high, typically below
0.7°C.
Discharge current protection to prevent damage due to
short circuits.
Protection circuitry for over voltage applied to the
battery terminals.
Overcharge protection circuitry to stop charge when
the voltage per cell rises above 4.3V.
Over discharge protection circuitry to stop discharge
when the battery voltage falls below 2.3V (varies with
manufacturer).
Thermal shutdown protection for the battery if the
ambient temperature is above 100°C.
Auto Top-Off Charger Application Circuit
Figure 3. Auto Top-Off Charger − Application Circuit
Lithium-ion batteries will begin to lose their charge over
time. The MIC79110 can be configured to automatically
recharge the battery when the voltage drops below the
minimum battery voltage. This minimum voltage is set by
a resistor divider at the battery and is connected to the
SD pin. For instance, if VBAT is 4.2V and the battery
voltage falls to 3.72V, SD pin gets divided down by R1
and R2 to 0.93V and starts the normal charging process.
While charging the DEOC indictor is turned on, pulling
the SD pin to GND, keeping the MIC79110 on. When the
end of charge is reached, the DEOC pin opens. The
divided down BAT voltage is now 1.05V at the SD pin,
ending the charging process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com