Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2874 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2874
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2874 Datasheet HTML 9Page - Micrel Semiconductor MIC2874 Datasheet HTML 10Page - Micrel Semiconductor MIC2874 Datasheet HTML 11Page - Micrel Semiconductor MIC2874 Datasheet HTML 12Page - Micrel Semiconductor MIC2874 Datasheet HTML 13Page - Micrel Semiconductor MIC2874 Datasheet HTML 14Page - Micrel Semiconductor MIC2874 Datasheet HTML 15Page - Micrel Semiconductor MIC2874 Datasheet HTML 16Page - Micrel Semiconductor MIC2874 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Micrel, Inc.
MIC2874
Idle States and Error Conditions
In shutdown mode, the MIC2874 is in a reset condition
with all functions off while consuming minimal power.
Register settings are reset to default state when coming
out of shutdown state. In idle mode, all register settings
persist and all MIC2874 functions continue in their current
state. Table 1 summarises the difference between the two
idle modes:
Table 1. Differences between Idle Modes
Mode
Shutdown
Idle
VDC
Low
High
ISUPPLY
(all functions off)
1μA
230μA
Register State
Default
Persist
Start-Up Time
1μs
100ns
Idle mode is entered automatically at the end of a
communication frame by holding DC high for ≥T
END, by
enabling the device by bringing DC high when in shutdown
mode, or when an error is detected by the single-wire
interface logic.
Shutdown mode can be entered at any time by pulling
down DC for ≥T
END, discarding any current communication
and resetting the internal registers. If a communication is
received before the shutdown period but after the TLAT
period, the communication is discarded. This state is also
used to create an internal error state to avoid erroneously
latching data where the communication process cannot be
serviced in time. Additionally, each register has a
maximum value associated with it. If the number of bits
clocked in exceeds the maximum value for the register, the
data is assumed to be in error and the data is discarded.
Figure 2. Abort, Shutdown and Idle Timing Waveforms
Communication Details
The serial interface requires delimiters to indicate the start
of frame, data as a series of pulses, and end of frame
indicated by a lack of activity for longer than TLAT. The
start of frame is the first high to low transition of DC when
in idle mode. The first rising edge resets the internal data
counter to 0.
Figure 3. Data Word Pulse Timing
A pulse is delimited by the signal first going below VL and
then above VH within the latch timeout TLAT. During this
transition, minimum on (TON) and off (TOFF) periods are
observed to improve tolerance to glitches.
Each rising
edge increments the internal data register.
Data is
automatically latched into internal shadow address or data
registers after an inactivity period of DC remaining high for
longer than TLAT.
To send register write commands, the address and data
are entered in series as two data words using the above
pattern, with the second word starting after the first latch
period has expired. After the second word is entered, the
IDLE command should be issued by leaving the DC pin
high for ≥ T
END
to indicate the stop sequence of the
address/data words frame.
After receiving the stop sequence, the internal registers
decode and update cycle is started, with the shadow
register values being transferred to the decoder. Figure 4
shows an example of entering a write of data 5 to address
3.
Figure 4. Communication Timing Example of Entering Write
for Data 5 to Address 3
Only correctly formatted address/data combination will be
treated as a valid frame and processed by the MIC2874.
Any other input, such as a single data word followed by
TEND, or three successive data words will be discarded by
the target hardware as an erroneous entry. Additionally,
any register write to either an invalid register or with invalid
register data will also be discarded.
August 26, 2014
13
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com