Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2874YCS Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC2874YCS Datasheet HTML 14Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 15Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 16Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 17Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 18Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 19Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 20Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 21Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 22Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Micrel, Inc.
MIC2874
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
C1608X5R1A475K080AC
TDK
(7)
Capacitor 4.7 µF, 10V, 10%, X5R, 0603
2
D1
SPFCW04301BL
Samsung
(8)
High-Power Flash LED, 4.1mm × 3.9mm × 2.1mm, 220lux @
ILED = 1A
1
LXCL-MN06-3002
Philips
(9)
LUXEON Flash 6 Module, 4mm × 4mm × 2.2mm, 180lux @
ILED = 1A
L1
PIFE20161B-R47MS-39
Cyntec
(10)
Inductor 0.47µH, 3.9A, 2.0mm × 1.6mm × 1.2mm
1
U1
MIC2874YCS
Micrel, Inc.
(11)
1.2A High-Brightness Flash LED Driver with Single-Wire
Serial Interface
1
Notes:
7.
TDK: www.tdk.com.
8. Samsung: www.samsung.com.
9. Philips: www.philipsluminleds.com.
10. Cyntec: www.cyntec.com.
11. Micrel, Inc.: www.micrel.com.
August 26, 2014
20
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com