Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2873YCS Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC2873YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2873YCS Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC2873YCS Datasheet HTML 14Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 15Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 16Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 17Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 18Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 19Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 20Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 21Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Micrel, Inc.
MIC2873
Power Dissipation Consideration
As with all power devices, the ultimate current rating of the
output is limited by the thermal properties of the device
package and the PCB on which the device is mounted.
There is a simple, Ohm’s law type relationship between
thermal resistance, power dissipation and temperature
which are analogous to an electrical circuit:
Figure 5. Series Electrical Resistance Circuit
From this simple circuit we can calculate VX if we know
ISOURCE, VZ and the resistor values, RXY and RYZ using
Equation 1:
Z
YZ
XY
SOURCE
X
V
)
R
(R
I
V
+
+
×
=
Eq. 1
Thermal circuits can be considered using this same rule
and can be drawn similarly by replacing current sources
with power dissipation (in watts), resistance with thermal
resistance (in °C/W) and voltage sources with temperature
(in °C).
Figure 6. Series Thermal Resistance Circuit
Now replacing the variables in the equation for VX, we can
find
the
junction
temperature
(TJ) from the power
dissipation, ambient temperature and the known thermal
resistance of the PCB (
θ
CA) and the package (θJC).
A
CA
JC
DISS
J
T
)
(
P
T
+
θ
+
θ
×
=
Eq. 2
As can be seen in the diagram, total thermal resistance
θ
JA = θJC + θCA. Hence this can also be written as in
Equation 3:
A
JA
DISS
J
T
)
(
P
T
+
θ
×
=
Eq. 3
Since effectively all of the power losses (minus the
inductor losses) in the converter are dissipated within the
MIC2873 package, PDISS can be calculated thus:
Linear Mode:
DCR
2
I
]
1
η
1
[P
P
OUT
OUT
DISS
×
−
−
×
=
Eq. 4
Boost Mode:
DCR
2
D
1
I
]
1
η
1
[P
P
OUT
OUT
DISS
×
−
−
−
×
=
Eq. 5
Duty Cycle in Boost Mode:
OUT
IN
OUT
V
V
V
D
−
=
Eq. 6
where:
η = Efficiency taken from efficiency curves and DCR =
inductor DCR.
θ
JC
and
θ
JA
are found in the operating
ratings section of the data sheet.
July 17, 2014
18
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com