Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC396 Datasheet(PDF) 7 Page - Micross Components

Part # HMC396
Description  Test Equipment
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC396 Datasheet(HTML) 7 Page - Micross Components

  HMC396 Datasheet HTML 1Page - Micross Components HMC396 Datasheet HTML 2Page - Micross Components HMC396 Datasheet HTML 3Page - Micross Components HMC396 Datasheet HTML 4Page - Micross Components HMC396 Datasheet HTML 5Page - Micross Components HMC396 Datasheet HTML 6Page - Micross Components HMC396 Datasheet HTML 7Page - Micross Components HMC396 Datasheet HTML 8Page - Micross Components HMC396 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2
2 - 11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+7 Vdc
RF Input Power (RFIN)(Vcc = +5.0 Vdc)
+10 dBm
Junction Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 5.21 mW/°C above 85 °C)
0.339 W
Thermal Resistance
(junction to die bottom)
192 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. ALL TOLERANCES ARE ±0.001 (0.025)
3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND
4. BOND PADS ARE 0.004 (0.100) SQUARE
5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150)
6. BACKSIDE METALLIZATION: GOLD
7. BOND PAD METALLIZATION: GOLD
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
GP-3 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC396
v02.0109
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 8 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com