Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX83100 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX83100
Description  MLX83100 Automotive 2-Phase DC Pre-Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83100 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX83100 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
MLX83100 Automotive 2-Phase DC Pre-Driver
Datasheet
Page 13 of 41
REVISION 5.1 –DECEMBER 13, 2016
Logic IO’s - EN input
No.68 Input pull-down resistance
R_EN_PD
EN
90
-
410
kOhm
No.69
Bridge disable propagation
delay
ENPR_DEL
From bridge disable
EN<0.2VDD to VGS < 0.5V,
CLOAD = 1nF
-
-
1
µs
Logic IO’s - ICOM
No.70 Pull-up current
ICOMPU
VICOM = 0V
-2.2
-
-5.0
mA
No.71 Pull-down current
ICOMPD
VICOM = VDD
5.0
-
2.6
mA
No.72 ICOM PWM frequency fast
fICOMF
85
100
115
kHz
No.73 ICOM PWM frequency slow
fICOMS
10.6
12.5
14.4
kHz
No.74 SPI start-up pulse duration
on ICOM to enter SPI mode
tSPI_SU
EN = Low
FETTx = Low, FETBx =
High
2048/
fOSC
-
4096/
fOSC
s
SPI Timing
No.75 SPI initial setup time
tSPI_ISU
2
-
-
µs
No.76 SPI clock frequency
fSPI
-
-
500
kHz
No.77 Rise/fall times
tSPI_RF
CLK, CSB, MISO, MOSI
-
-
200
ns
No.78 CSB setup time
tCSB_SU
1
-
-
µs
No.79 CSB high time
tCSB_H
2
-
-
µs
No.80 Clock high time
tCLK_H
1
-
-
µs
No.81 Clock low time
tCLK_L
1
-
-
µs
No.82 Data in setup time
tDI_SU
1
-
-
µs
No.83 Data in hold time
tDI_H
500
-
ns
No.84 Data out ready delay
tDO_R
CLOAD at FETB1 < 50pF
-
500
-
ns
No.85 EEPROM read delay
tEE_RD
EE_RD = 1
6
-
µs
No.86 EEPROM write delay
tEE_WR
EE_WR = 1
12
-
-
ms
No.87 Temperature for EEPROM
read
TJ_EE_RD
Junction temperature
-40
-
150
C
No.88
Temperature for EEPROM
write
T J_EE_WR
Junction temperature
-40
-
150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com