Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC521 Datasheet(PDF) 5 Page - Micross Components

Part # HMC521
Description  Point-to-Point and Point-to-Multi-Point Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC521 Datasheet(HTML) 5 Page - Micross Components

  HMC521 Datasheet HTML 1Page - Micross Components HMC521 Datasheet HTML 2Page - Micross Components HMC521 Datasheet HTML 3Page - Micross Components HMC521 Datasheet HTML 4Page - Micross Components HMC521 Datasheet HTML 5Page - Micross Components HMC521 Datasheet HTML 6Page - Micross Components HMC521 Datasheet HTML 7Page - Micross Components HMC521 Datasheet HTML 8Page - Micross Components HMC521 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3
3 - 71
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
Input P1dB vs. Temperature
Conversion Gain vs. LO Drive
Image Rejection vs. Temperature
Return Loss
Input IP3 vs. LO Drive
Data Taken As IRM With External IF 90° Hybrid
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+25C
+85C
-55C
RF FREQUENCY (GHz)
0
10
20
30
40
50
8
9
10
11
12
13
14
+25C
+85C
-55C
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+11 dBm
+13 dBm
+15 dBm
+17 dBm
+19 dBm
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
RF
LO
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
20
8
9
10
11
12
13
14
+25C
+85C
-55C
RF FREQUENCY (GHz)
5
10
15
20
25
30
35
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
HMC521
v01.1007
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com